Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R4531F

  • AI
    The **BL-R4531F** is a highly integrated IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module. It is designed around the **Realtek RTL8188FTV** chipset and is commonly used to provide Wi-Fi connectivity to embedded systems, smart appliances, and TV boxes via a USB interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.4GHz - 2.4835GHz | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V (Typical) +/- 0.2V | | **Antenna Type** | External (usually via I-PEX or soldering hole) | --- ### 2. Major Electronic Components The module is a compact PCB consisting of several critical electronic sections: 1. **Main SoC (RTL8188FTV):** The "brain" of the module. It handles the Baseband (BB), Medium Access Control (MAC), and the RF transceiver. 2. **Crystal Oscillator:** Usually a **40MHz** high-precision crystal that provides the clock signal for the SoC. 3. **LDO/Voltage Regulator:** Steps down or stabilizes the input power to the levels required by the internal circuitry of the chip. 4. **EEPROM/Flash Memory:** Stores configuration data, such as MAC address and calibration parameters. 5. **RF Front End:** Includes filters and impedance matching circuits to ensure signal integrity between the SoC and the antenna output. --- ### 3. Pinout Configuration The BL-R4531F typically uses a 4-pin or 6-pin interface for connectivity. Below is a common pin configuration for the USB interface: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply Input | | 2 | **USB_D-** | USB Data Minus | | 3 | **USB_D+** | USB Data Plus | | 4 | **GND** | Ground | | 5 | **CHIP_EN** | Chip Enable / Reset (High = On) | --- ### 4. Implementation Details * **Software Support:** It requires the Realtek RTL8188FTV driver. It is widely supported in Linux (as a loadable module) and Windows environments. * **Power Consumption:** It is designed for low power consumption, typically drawing around 110mA during active transmission and significantly less during idle/sleep modes. * **Security:** Supports modern encryption standards including WEP (64/128 bit), WPA, WPA2, and WPA-PSK. ---
    ✨ Follow-up Questions
    • ⤷ What are the steps to install the drivers for the BL-R4531F on a Linux system?
    • ⤷ Can this module be modified to use an internal PCB antenna instead of an external one?
    • ⤷ What is the peak power consumption of the RTL8188FTV chipset during 150Mbps transmission?