Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R4532L

  • AI
    The **BL-R4532L** is a high-performance, low-power Wi-Fi module based on the **Realtek RTL8188LUS** (or similar RTL8188 series) chipset. It is designed to provide wireless connectivity to devices via a USB interface. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and performance characteristics of the BL-R4532L: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188 series | | **Interface** | USB 2.0 (standard) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (1T1R) | | **Operating Voltage** | 3.3V DC ±10% | | **Antenna Type** | External (via I-PEX connector or solder pad) | --- ### 2. Hardware Architecture The module consists of several critical electronic sections: * **RF Frontend:** Contains the Power Amplifier (PA), Low Noise Amplifier (LNA), and Transmit/Receive (T/R) switch. * **Baseband/MAC:** Handles the IEEE 802.11 protocol stack and data processing. * **Power Management:** Internal LDOs (Low Drop-Out regulators) convert the input voltage to the internal voltages required by the core logic and RF sections. * **Clocking:** Typically utilizes a **40MHz Crystal Oscillator** to provide a stable frequency reference for the radio. --- ### 3. Pinout and Connectivity Most versions of this module use a small form-factor pin header or SMD pads. The primary connections are: 1. **VDD (3.3V):** Main power supply. 2. **USB_D-:** Differential data line (Negative). 3. **USB_D+:** Differential data line (Positive). 4. **GND:** Common ground. 5. **CHIP_EN/Reset:** Used to enable or disable the module for power-saving modes. --- ### 4. Common Applications Due to its small footprint and 150Mbps capability, it is commonly found in: * **OTT Boxes / Smart TVs:** Providing wireless internet access. * **IP Cameras:** Transferring video feeds over Wi-Fi. * **Industrial PCs:** Adding networking to embedded systems. * **Printers:** Enabling wireless printing features. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels in 'Sleep' vs 'Active' mode?
    • ⤷ Does this module support Linux and Android drivers?
    • ⤷ Can the BL-R4532L operate in Access Point (AP) mode?