Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R4541H

  • AI
    ## BL-R4541H Electronic Module Overview The **BL-R4541H** is a highly integrated, low-power **IEEE 802.11b/g/n WLAN (Wi-Fi) module**. It is designed primarily to provide wireless connectivity to embedded systems, IoT devices, and consumer electronics. --- ### 1. Key Technical Specifications The module is built around the **Realtek RTL8188FTV** (or similar series) chipset. Below are the primary hardware specifications: | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Interface** | USB 2.0 (High Speed) | | **Data Rate** | Up to 150Mbps (802.11n) | | **Modulation** | OFDM, DSSS, CCK, DQPSK, DBPSK | | **Operating Voltage** | 3.3V DC (±0.2V) | | **Antenna** | External (via I-PEX connector or solder pad) | --- ### 2. Major Electronic Components The architecture of the BL-R4541H consists of several critical stages: #### A. Main SoC (System on Chip) The heart of the module is usually the **Realtek RTL8188** series controller. This chip integrates the Mac, Baseband, and Radio (RF) into a single CMOS chip. It handles the processing of Wi-Fi protocols and the USB interface communication. #### B. RF Front-End * **Power Amplifier (PA):** Boosts the signal for transmission to ensure stable range. * **Low Noise Amplifier (LNA):** Enhances weak incoming signals from the antenna. * **RF Switch:** Switches between Transmit (TX) and Receive (RX) modes. #### C. Power Management The module includes a **Low Dropout Regulator (LDO)** to convert the input voltage to the internal voltages required by the core logic and RF circuits, minimizing noise interference. #### D. Frequency Reference A **Crystal Oscillator (usually 40MHz)** provides the precise clock timing necessary for RF frequency synthesis and data synchronization. --- ### 3. Pin Configuration (Typical) While specific layouts can vary by manufacturer, the common pinout for this 4-pin/6-pin USB module includes: 1. **VDD:** 3.3V Power Supply. 2. **USB_D-:** USB Data Negative. 3. **USB_D+:** USB Data Positive. 4. **GND:** Ground. 5. **CH_EN / RESET:** (Optional) Chip Enable or Reset pin. --- ### 4. Applications * **STB (Set-Top Boxes):** Providing wireless internet to TVs. * **IP Cameras:** Streaming video data over Wi-Fi. * **Smart Home:** Controllers and gateways. * **Portable Devices:** Handheld terminals requiring low-power consumption.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the BL-R4541H during transmission?
    • ⤷ Does this module support Linux and Android driver integration?
    • ⤷ How do I connect an external antenna to the BL-R4541H?