Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R4621D

  • AI
    The **BL-R4621D** is a high-performance, low-power Wi-Fi module based on the **Realtek RTL8192EU** chipset. It is designed to provide high-speed wireless connectivity for embedded systems, set-top boxes, IP cameras, and consumer electronics. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and radio frequency (RF) characteristics of the module: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8192EU | | **Standard** | IEEE 802.11b/g/n | | **Interface** | USB 2.0 | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 300Mbps (2T2R) | | **Operating Voltage** | 3.3V +/- 0.2V | | **Antenna Type** | External (via Pin or IPEX connector) | | **Modulation** | 802.11n: OFDM; 802.11b: CCK, DQPSK; 802.11g: 64QAM | --- ### 2. Major Electronic Components The module is a System-on-Module (SoM) that integrates several critical electronic sub-systems: #### A. The RTL8192EU Controller This is the "brain" of the module. It integrates the MAC (Medium Access Control), a 2T2R (2 Transmit, 2 Receive) Baseband, and the RF radio into a single chip. It supports MIMO (Multiple Input Multiple Output) technology, which allows for the 300Mbps throughput. #### B. RF Front-End * **Power Amplifiers (PA):** Boosts the signal for transmission to ensure a stable range. * **Low Noise Amplifiers (LNA):** Increases the sensitivity of the receiver to pick up weak signals from the router. * **Switch/Diplexer:** Manages the path between transmitting and receiving signals. #### C. Power Management Unit (PMU) The module includes internal regulators to step down and stabilize the input voltage (usually 3.3V) to the lower voltages required by the core logic of the Realtek silicon (typically 1.0V to 1.2V). #### D. Crystal Oscillator A high-precision crystal (usually 40MHz) provides the clock frequency necessary for the synchronization of wireless data packets and the USB interface timing. --- ### 3. Pin Configuration (Typical) While physical layouts can vary slightly by manufacturer (B-Link), the standard interface utilizes a small-form-factor header: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | VCC | 3.3V Power Supply | | 2 | DM | USB Data Minus | | 3 | DP | USB Data Plus | | 4 | GND | Ground | | 5 | CHIP_EN | Chip Enable / Reset (Active High) | --- ### 4. Implementation Considerations * **Heat Dissipation:** When operating at 300Mbps, the RTL8192EU can generate significant heat. Designing the PCB with adequate ground planes for thermal relief is essential. * **Antenna Matching:** To achieve the best range, the trace leading to the antenna must be impedance-matched to 50 Ohms. * **OS Support:** This module is widely supported across Windows, Linux (Android), and macOS, making it a versatile choice for DIY projects and industrial applications.
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the BL-R4621D during active transmission?
    • ⤷ How do I configure the Linux driver for the RTL8192EU chipset?
    • ⤷ Can the BL-R4621D operate in Access Point (AP) mode?