Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R5138

  • AI
    The **BL-R5138** is a high-performance, low-cost wireless network module typically based on the **Realtek RTL8188FTV** chipset. It is designed to provide Wi-Fi connectivity to embedded devices via a USB interface. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (1T1R) | | **Operating Voltage** | 3.3V ± 0.2V | | **Antenna Type** | External (via I-PEX/MHF connector or Solder Pad) | --- ## 2. Key Electronic Components & Architecture The module integrates several critical sub-systems onto a small PCB footprint: ### A. The RTL8188FTV SoC This is the "brain" of the module. It combines: * **MAC (Media Access Control):** Handles the protocol logic. * **Baseband:** Processes the digital signal. * **Radio (RF Transceiver):** Converts digital data into 2.4GHz radio waves. ### B. Power Management Unit (PMU) The module usually includes a built-in LDO (Low Dropout Regulator) to stabilize the 3.3V input, ensuring the sensitive RF components receive clean power to minimize signal noise. ### C. Crystal Oscillator A high-precision crystal (typically **40MHz**) provides the clock signal necessary for the CPU and the RF frequency synthesis. ### D. RF Front End Includes filters and matching circuits to ensure the signal adheres to FCC/CE spectral mask requirements and provides stable transmission power (typically **13-17 dBm**). --- ## 3. Pinout Description (Typical 4-6 Pin Configuration) Most BL-R5138 modules use a simple pin-header or half-hole (castellated) design: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power | 3.3V DC Input | | **D-** | Data | USB Differential Signal Minus | | **D+** | Data | USB Differential Signal Plus | | **GND** | Ground | Common Ground | | **RF/ANT** | RF Output | Connection to Wi-Fi Antenna | | **CHIP_EN** | Control | Enable/Disable the module (High=On) | --- ## 4. Typical Applications * **OTT Boxes:** Smart TV boxes and IPTV players. * **IP Cameras:** Providing wireless uplinks for security video. * **Industrial PCs:** Adding networking to legacy embedded systems. * **Printers:** Enabling wireless printing capabilities. ---
    ✨ Follow-up Questions
    • ⤷ How do I install the Linux drivers for the RTL8188FTV chipset used in this module?
    • ⤷ What are the power consumption levels during active transmission vs. idle mode?
    • ⤷ Can the BL-R5138 be used in Access Point (AP) mode or only as a Client?