Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-RX1133

  • AI
    The **BL-RX1133** is a high-performance, integrated **2.4GHz Wireless Transceiver Module**. It is designed for low-power, short-range wireless communication, commonly used in computer peripherals, smart home devices, and wireless audio/video applications. --- ### 1. Key Technical Specifications The module typically integrates a radio frequency (RF) transceiver with a baseband processor. | Parameter | Value / Specification | |:---|:---| | **Frequency Range** | 2.400 GHz – 2.4835 GHz (ISM Band) | | **Communication Protocol** | Proprietary 2.4G / GFSK Modulation | | **Data Rate** | Up to 2 Mbps | | **Operating Voltage** | 1.9V – 3.6V | | **Interface** | SPI (Serial Peripheral Interface) | | **Output Power** | Adjustable (typically up to +5 dBm) | | **Sensitivity** | -85 dBm @ 2Mbps | --- ### 2. Core Electronic Components The "parts" of the BL-RX1133 refer to its internal architecture and the external circuitry required for it to function: * **RF IC (The Brain):** The heart of the module is usually a CMOS-based transceiver chip that handles GFSK modulation/demodulation. * **Crystal Oscillator:** A high-precision crystal (typically 12MHz or 16MHz) provides the reference clock for the frequency synthesizer. * **Matching Network:** A series of surface-mount inductors and capacitors (LC circuit) that match the impedance of the chip to the antenna (usually 50 ohms). * **Antenna:** Most BL-RX1133 modules feature a **PCB Trace Antenna** (the zigzag copper line) or a connector for an external IPEX antenna. * **Power Management:** Integrated LDO (Low Dropout Regulators) to ensure stable voltage for the sensitive RF sections. --- ### 3. Pinout and Interface To communicate with a microcontroller (like an Arduino or STM32), the BL-RX1133 uses the following pins: ```markdown 1. VCC - Power Supply (1.9V - 3.6V) 2. GND - Ground 3. CSN - Chip Select Not (SPI Enable) 4. SCK - SPI Clock 5. MOSI - Master Out Slave In 6. MISO - Master In Slave Out 7. IRQ - Interrupt Request (Signal to MCU when data is received/sent) 8. CE - Chip Enable (Activates RX or TX mode) ``` --- ### 4. Common Applications * **Wireless HID:** Mice, keyboards, and game controllers. * **Remote Controls:** Smart TV remotes and industrial RC units. * **Data Logging:** Transmitting sensor data over short distances (30-100 meters line-of-sight). * **Wireless Audio:** Low-latency mono or stereo audio streaming.
    ✨ Follow-up Questions
    • ⤷What is the maximum effective range of the BL-RX1133 in an indoor environment?
    • ⤷ Can this module be used directly with Bluetooth-enabled smartphones?
    • ⤷ How does the power consumption of BL-RX1133 compare to standard BLE modules?