Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL02RN1-R62

  • AI
    The **BL02RN1-R62** is a specialized electronic component categorized as an **EMI Suppression Filter** (specifically a Ferrite Bead with lead wires). It is manufactured by **Murata Electronics**. Below is a detailed breakdown of its specifications and functions. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Ferrite Bead (Leaded) | | **Impedance** | Typically used for high-frequency noise suppression | | **Rated Current** | 7 Amperes (Max) | | **DC Resistance** | 0.05 Ohms (Max) | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Through-Hole | | **Lead Diameter** | ~0.6 mm | --- ### 2. Functional Overview The BL02RN1-R62 belongs to the **EMIFIL®** (EMI Filter) series. Unlike a standard resistor or inductor, its primary job is to dissipate high-frequency noise as heat. * **Noise Absorption:** It acts as a low-pass filter. It allows low-frequency signals (or DC power) to pass through with minimal resistance but introduces high impedance to high-frequency electromagnetic interference (EMI). * **High Current Capacity:** With a 7A rating, it is specifically designed for power supply lines where high current is present but noise suppression is required to prevent interference with sensitive circuits. --- ### 3. Construction and Material The device consists of a **Ferrite Core** shaped like a small bead or cylinder with a conductive wire passing through it. * **R62 Suffix:** This often refers to the specific packaging or lead formation (e.g., taping or specific bending styles for automated insertion). * **Material:** The ferrite material is optimized for broad-frequency noise absorption rather than energy storage (unlike a power inductor). --- ### 4. Typical Applications This part is commonly found in: 1. **Power Supplies:** To prevent switching noise from entering the main power grid or affecting the rest of the PCB. 2. **Digital Equipment:** Suppressing noise generated by high-speed clocks or data lines. 3. **Automotive Electronics:** Filtering ripples in DC lines for sensors or infotainment systems. 4. **Audio/Video:** Reducing high-frequency "hiss" or distortion caused by electromagnetic pickup. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this ferrite bead and a standard inductor?
    • ⤷ Can this component be used in AC power circuits?
    • ⤷ What are the physical dimensions of the BL02RN1-R62?