Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BML0805-R047K

  • AI
    The **BML0805-R047K** is a surface-mount multilayer chip inductor. This specific part number follows a standard naming convention used by manufacturers like **Bourns** or **Chilisin** to describe its physical and electrical characteristics. --- ## 1. Part Number Breakdown The alphanumeric code provides a full specification of the component: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | BML | Multilayer Chip Inductor (General Purpose) | | **Size** | 0805 | Physical dimensions: 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **Inductance** | R047 | Inductance value: **0.047 µH** (or 47 nH) | | **Tolerance** | K | Inductance tolerance of **±10%** | --- ## 2. Technical Specifications Multilayer chip inductors of this class typically share the following electrical profiles: ### Electrical Characteristics * **Inductance:** 47 nH (0.047 µH) * **Tolerance:** ±10% * **Q-Factor:** Usually ranges between 15 and 25 at a specific test frequency (e.g., 50 MHz). * **Self-Resonant Frequency (SRF):** Typically > 300 MHz (essential for high-frequency applications). * **DC Resistance (DCR):** Low resistance, usually < 0.30 Ω to minimize power loss. * **Rated Current:** Generally handles between 200mA and 400mA depending on the specific manufacturer's thermal rating. ### Physical Characteristics * **Package Type:** SMD (Surface Mount Device) 0805. * **Construction:** Multilayer ceramic/ferrite structure with silver/nickel/tin-plated terminals for easy soldering. * **Operating Temperature:** Typically -55°C to +125°C. --- ## 3. Typical Applications Because of its small size and relatively low inductance, the BML0805-R047K is used in high-frequency circuits where space is limited: 1. **RF Circuits:** Used in impedance matching and resonance circuits for Bluetooth, Wi-Fi, and cellular modules. 2. **EMI Suppression:** Filtering high-frequency noise in signal lines. 3. **Mobile Electronics:** Decoupling and signal conditioning in smartphones, tablets, and wearable tech. 4. **Signal Processing:** High-speed data communication interfaces. --- ## 4. Equivalent Alternatives If this specific part is unavailable, engineers often look for the following equivalents: * **TDK:** MLG2012 series * **Murata:** LQW2BAN series (though check if wire-wound vs multilayer is required) * **Samsung:** CIH21 series
    ✨ Follow-up Questions
    • ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ How does the 'Q-factor' affect the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used for power supply filtering?