Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BO2525LS1G

  • AI
    The **BO2525LS1G** (often identified within the context of **onsemi** or similar power semiconductor manufacturers) is a high-performance power MOSFET or rectifying component typically used in power management and switching applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The following table highlights the core electrical parameters typical for this class of component: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Power MOSFET / Rectifier | N-Channel (usually) | | **Voltage Rating (Vds/Vr)** | Maximum operating voltage | 250V - 600V (Series dependent) | | **Current Rating (Id/If)** | Continuous drain/forward current | 25A | | **Package Type** | Physical housing | TO-220 / TO-263 / TO-220FP | | **Mounting Type** | Assembly method | Through-Hole or SMD | | **Operating Temp** | Thermal range | -55°C to +150°C | --- ### 2. Key Internal Features The "LS" designation in the part number often indicates specific internal enhancements: * **Low Gate Charge ($Q_g$):** Designed to minimize the energy required to switch the device on and off, allowing for high-frequency operation. * **Low On-Resistance ($R_{DS(on)}$):** Minimizes power dissipation during the "on" state, which improves overall system efficiency and reduces heat. * **Fast Switching:** Optimized internal capacitance to ensure rapid transitions, reducing switching losses. * **Avalanche Ruggedness:** Ability to withstand unexpected voltage spikes (transients) without immediate failure. --- ### 3. Pinout Configuration For a standard TO-220 or similar package, the pin configuration is generally: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Gate (G)** | Controls the switching state of the device. | | **2** | **Drain (D)** | Connected to the load (High voltage side). | | **3** | **Source (S)** | Connected to the ground or negative rail. | --- ### 4. Common Applications Due to its current and voltage handling capabilities, the BO2525LS1G is commonly found in: 1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element. 2. **Motor Drivers:** For controlling DC or Brushless DC motors in industrial equipment. 3. **Uninterruptible Power Supplies (UPS):** Managing the conversion from battery power to AC. 4. **Lighting Ballasts:** High-frequency switching for LED or HID lighting systems. --- ### 5. Proper Handling (ESD Warning) As a MOS-gated device, it is sensitive to **Electrostatic Discharge (ESD)**. ```bash # Safety Handling Tips: 1. Always use an anti-static wrist strap. 2. Keep the device in its original conductive packaging until use. 3. Ensure the soldering iron is grounded. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact R_DS(on) value for the BO2525LS1G?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the recommended heat sink requirements for this component?