Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BP02-R-KT

  • AI
    The **BP02-R-KT** is a specialized evaluation and development kit designed for the **BP02** family of pressure sensors (specifically the BP02 series from manufacturers like Bourns or specialized pressure sensor providers). This kit is primarily used for testing high-precision barometric pressure measurements in consumer electronics, wearables, and industrial IoT devices. --- ## 1. Core Electronic Components The kit consists of the following primary hardware elements: | Component | Description | | :--- | :--- | | **Main Sensor (BP02)** | A MEMS-based piezo-resistive pressure sensor with an integrated ASIC for temperature compensation. | | **Interface Bridge** | Typically uses a USB-to-I2C or USB-to-SPI bridge to connect the sensor to a PC. | | **LDO Regulator** | Low-Dropout regulator to ensure a stable 1.8V to 3.3V supply to the sensor from the USB 5V rail. | | **Pull-up Resistors** | Standard resistors on the SDA and SCL lines for I2C communication stability. | | **Decoupling Caps** | Ceramic capacitors used to filter high-frequency noise from the power supply. | --- ## 2. Technical Specifications Below are the typical electronic characteristics found in the BP02-R-KT module: * **Supply Voltage ($V_{DD}$):** 1.7V to 3.6V. * **Communication Protocols:** $I^2C$ (standard/fast mode) or SPI. * **Pressure Range:** 300 to 1100 hPa (approx. 9000m to -500m above/below sea level). * **ADC Resolution:** 24-bit output for both pressure and temperature. * **Current Consumption:** ~3.0 $\mu A$ (at 1Hz sampling) / <1 $\mu A$ in standby mode. --- ## 3. Connectivity and Pinout The development board usually breaks out the sensor pins to a standard 0.1" header for easy prototyping with Arduino, Raspberry Pi, or ESP32. ### Typical Pin Mapping 1. **VDD:** Power Supply Input. 2. **GND:** System Ground. 3. **SCL/SCK:** Serial Clock for $I^2C$/SPI. 4. **SDA/SDI:** Serial Data for $I^2C$ or Data Input for SPI. 5. **SDO:** Data Output for SPI (or I2C Address select). 6. **CSB:** Chip Select (Active Low) for SPI mode. --- ## 4. Software and Implementation To interface with the electronics, the sensor requires specific initialization sequences to be sent over the digital bus. ```python # Pseudo-code for reading BP02 sensor data via I2C import smbus # BP02 Default I2C Address DEVICE_ADDR = 0x76 def get_pressure_data(): # Trigger measurement (Command 0x40 - example) bus.write_byte(DEVICE_ADDR, 0x40) # Read 3 bytes of pressure data data = bus.read_i2c_block_data(DEVICE_ADDR, 0x00, 3) # Convert bytes to 24-bit integer pressure = (data[0] << 16) | (data[1] << 8) | data[2] return pressure ```
    ✨ Follow-up Questions
    • ⤷ What are the specific accuracy levels of the BP02 sensor in terms of hPa?
    • ⤷ How do I switch the BP02-R-KT between I2C and SPI communication modes?
    • ⤷ Does this evaluation kit include a GUI for real-time data logging?