BP04-R-KT
AI

The **BP04-R-KT** is an electronic component primarily associated with **Pressure Sensors**, specifically belonging to a series of MEMS (Micro-Electro-Mechanical Systems) gauge pressure sensors. These are often used in medical devices, consumer electronics, and industrial pneumatic applications.
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics for the BP04 series components:
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Piezoresistive Bridge |
| **Pressure Range** | Generally 0 to 40 kPa (approx. 300 mmHg) |
| **Bridge Resistance** | 5 kΩ (Typical) |
| **Excitation Voltage** | 5.0 VDC (Typical) / 10 VDC (Max) |
| **Operating Temperature** | -40°C to +85°C |
| **Output Type** | Analog (Millivolt output) |
---
### 2. Core Electronic Components & Architecture
The "KT" designation often refers to the packaging or kit style (often a Surface Mount Device or specific pin configuration). The internal electronics consist of:
* **Piezoresistive Element:** Four resistors integrated into a silicon diaphragm, configured as a **Wheatstone Bridge**.
* **MEMS Diaphragm:** A micro-machined silicon structure that flexes under pressure, changing the resistance of the bridge.
* **Gold Wire Bonding:** Connects the silicon sensor die to the lead frames of the package for electrical connectivity.
---
### 3. Circuit Integration
Since the BP04-R-KT provides a **raw millivolt (mV) output**, it typically requires external signal conditioning electronics to be useful in a digital system:
1. **Instrumentation Amplifier:** Necessary to amplify the small differential voltage (often 0-100mV) to a range readable by a microcontroller (0-5V).
2. **Analog-to-Digital Converter (ADC):** Converts the amplified analog signal into digital data.
3. **Temperature Compensation:** Since piezoresistive sensors are sensitive to heat, external resistors or software algorithms are used to correct for temperature drift.
---
### 4. Common Applications
* **Medical:** Digital blood pressure monitors (Sphygmomanometers).
* **Industrial:** Pressure switches and pneumatic controls.
* **Consumer:** Home health tracking devices.
- ⤷
What is the pinout configuration for the BP04-R-KT package?
- ⤷ How do I calculate pressure based on the millivolt output signal?
- ⤷ Does this sensor require a constant current or constant voltage excitation?