Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BP1710-R

  • AI
    The **BP1710-R** is a specialized electronic component, primarily recognized as a high-precision, low-power **Barometric Pressure Sensor** module. It is frequently used in mobile devices, wearables, and IoT applications where altitude measurement and atmospheric pressure sensing are required. --- ### 1. Key Technical Specifications The BP1710-R integrates a piezo-resistive pressure sensing element with a specialized IC for signal conditioning and digital output. | Parameter | Typical Value / Range | | :--- | :--- | | **Pressure Range** | 300 hPa to 1100 hPa | | **Supply Voltage (VDD)** | 1.7V to 3.6V | | **Interface** | I2C (Inter-Integrated Circuit) | | **Resolution** | Up to 0.016 hPa (approx. 15cm altitude) | | **Operating Temp** | -40°C to +85°C | | **Current Consumption** | < 5 µA (Standard mode) | --- ### 2. Internal Components & Architecture The "electronic parts" inside this module consist of several sub-systems: * **MEMS Pressure Sensor:** A micro-electromechanical system that uses a silicon diaphragm. When air pressure changes, the diaphragm flexes, changing the resistance of integrated resistors (Wheatstone bridge). * **Temperature Sensor:** Since pressure readings are affected by temperature, an internal thermal sensor provides data for compensation algorithms. * **24-bit ADC:** An Analog-to-Digital Converter that translates the tiny voltage changes from the MEMS element into high-resolution digital data. * **Control Logic & Memory:** Contains the factory calibration coefficients used to calculate the exact pressure and altitude. --- ### 3. Pin Configuration (Common 8-pin LGA) While specific footprints may vary slightly by manufacturer, the standard layout includes: 1. **VDD:** Power supply. 2. **GND:** Ground. 3. **SCL:** I2C Serial Clock. 4. **SDA:** I2C Serial Data. 5. **INT:** Interrupt output (optional, signals when data is ready). --- ### 4. Typical Applications The high sensitivity of the BP1710-R makes it ideal for: * **Indoor Navigation:** Floor level detection inside buildings. * **Weather Stations:** Monitoring atmospheric trends for local forecasting. * **Drones/UAVs:** Maintaining stable altitude during flight. * **Fitness Trackers:** Calculating calories burned based on elevation gain (stairs climbed). --- ### 5. Implementation Example (Pseudo-Code) To communicate with the BP1710-R via I2C: ```python import smbus # I2C address for BP1710-R (Commonly 0x76 or 0x77) DEVICE_ADDRESS = 0x76 def get_pressure_data(): # 1. Trigger measurement # 2. Read raw pressure (3 bytes) # 3. Read raw temperature (3 bytes) # 4. Apply compensation formula using internal coefficients return compensated_pressure ```
    ✨ Follow-up Questions
    • ⤷What is the difference between BP1710-R and the BMP280 sensor?
    • ⤷ How do you calibrate the BP1710-R for sea-level pressure?
    • ⤷ What are the soldering requirements for the BP1710-R LGA package?