Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BS-53-R

  • AI
    The **BS-53-R** is typically identified as a **high-decibel piezoelectric electronic buzzer** or alarm siren, commonly used in security systems, fire alarms, and industrial warning equipment. --- ## 1. Technical Specifications The following table summarizes the key electronic characteristics of a standard BS-53-R unit: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 6V - 15V DC (Nominal 12V DC) | | **Current Consumption** | 200mA - 300mA (at 12V DC) | | **Sound Pressure Level** | 105dB - 110dB at 1 meter | | **Tone Type** | Single Tone (Siren) or Warble | | **Material** | ABS Plastic Housing | | **Operating Temp** | -10°C to +55°C | --- ## 2. Core Electronic Components The BS-53-R operates by converting electrical energy into mechanical vibrations (sound). Its internal circuitry consists of: ### A. Piezoelectric Transducer The heart of the device. It consists of a ceramic disc that expands and contracts when an alternating voltage is applied. This movement creates the high-frequency pressure waves we hear as sound. ### B. Driver Circuit (Oscillator) Since the device runs on **DC (Direct Current)**, it requires an internal oscillator circuit to convert DC into the AC frequency needed to drive the piezo element. * **Transistors/ICs:** Typically uses a simple multivibrator circuit or a dedicated timer IC (like a 555 timer variant). * **Step-up Transformer:** Small inductors are often used to boost the voltage across the piezo disc to increase volume (decibels). ### C. Reverse Polarity Protection Most BS-53-R units include a **diode** in series with the input. This prevents the internal electronics from burning out if the positive and negative wires are connected backwards. --- ## 3. Wiring Configuration The device usually comes with two color-coded leads: ```markdown Red Wire --> Positive (+) 12V DC Black Wire --> Negative (-) Ground ``` --- ## 4. Common Applications * **Security Systems:** Used as an indoor "screamer" to deter intruders. * **Industrial Alerts:** Error notification for CNC machinery or control panels. * **Automotive:** Add-on sirens for aftermarket car alarms.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a piezoelectric buzzer and an electromagnetic buzzer?
    • ⤷ Can the BS-53-R be controlled using an Arduino or ESP32?
    • ⤷ How can I reduce the volume of this siren for testing purposes?