Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BT818Q-R

  • AI
    The **BT818Q-R** is a member of the Bridgetek (formerly FTDI Chip) **EVE (Embedded Video Engine)** series. Specifically, it belongs to the **BT81x** generation, which is designed to offload the heavy tasks of processing graphics, audio, and touch feedback from a system's main microcontroller (MCU). --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Video Engine** | BT818 (supports ASTC compression) | | **Max Resolution** | 800 x 600 pixels | | **Color Depth** | 24-bit (True Color) | | **Package Type** | VQFN-48 (7mm x 7mm) | | **Interface** | SPI / Dual SPI / Quad SPI | | **Touch Support** | Integrated 4-wire Resistive Touch Controller | | **Operating Voltage** | 3.3V (I/O compatible with 1.8V to 3.3V) | --- ## 2. Key Internal Components ### A. The Graphics Engine (EVE Technology) Unlike traditional frame-buffer controllers, the BT818Q-R uses an **object-oriented approach**. Instead of the MCU sending every pixel, it sends a "Display List." The BT818Q then renders the shapes, fonts, and images line-by-line in real-time. * **ASTC Support:** It supports Adaptive Scalable Texture Compression, allowing for high-quality images with much smaller memory footprints. * **Built-in Widgets:** It has hardware-coded commands for drawing buttons, sliders, clocks, and gauges. ### B. Audio Engine The chip includes a dedicated audio block that supports: * **MIDI-like Synthesizer:** Plays 60+ pre-set sounds/tones. * **PCM Playback:** Can play recorded audio files (8-bit mono). * **PWM Output:** Provides a digital signal that can be easily filtered into an analog audio signal for a speaker. ### C. Touch Controller The "Q" in the part number often refers to the package, but specifically, the **BT818** model is designed for **Resistive Touch** screens. * It includes a built-in ADC (Analog to Digital Converter). * It handles coordinate tracking and pressure sensing internally. * It can provide "Tag" information, telling the MCU exactly which button was pressed rather than just the X/Y coordinates. --- ## 3. Physical Layout & Pinout Features The **VQFN-48** package is compact and thermally efficient. Key pin groups include: 1. **SPI Interface Pins:** `SCK`, `MISO`, `MOSI`, `CS_N`, `IO2`, `IO3`. 2. **LCD Interface:** A 24-bit RGB parallel bus (`R[7:0]`, `G[7:0]`, `B[7:0]`) plus timing signals (`DE`, `VSYNC`, `HSYNC`, `PCLK`). 3. **Power & Ground:** Multiple `VCC` and `GND` pins for noise isolation between digital and analog sections. 4. **Touch Pins:** `XP`, `XM`, `YP`, `YM` for the resistive touch overlay. --- ## 4. Typical Application Circuit In a standard design, the BT818Q-R sits between the **Host MCU** and the **TFT Display**: ```mermaid graph LR MCU[Host MCU] -- SPI --> BT818[BT818Q-R] BT818 -- RGB Bus --> LCD[TFT LCD Panel] BT818 -- Audio PWM --> AMP[Audio Amplifier] BT818 -- 4-Wire --> Touch[Resistive Layer] ``` --- ## 5. Summary of Benefits * **Low Bandwidth:** Allows 8-bit or low-speed MCUs to drive high-resolution displays. * **Flash Memory Expansion:** Supports dedicated SPI Flash for storing large images and fonts, bypassing the MCU's internal storage limits. * **Power Efficiency:** Reduces power consumption by handling all UI rendering locally. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between BT818 (Resistive) and BT817 (Capacitive) controllers?
    • ⤷ What software tools are available for designing UIs for the BT818Q-R?
    • ⤷ How do I connect external SPI Flash to the BT818 for image storage?