Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BTF-37WHCS-PW-R

  • AI
    The **BTF-37WHCS-PW-R** is a specific model of an **LCD/TFT display module**, typically used in industrial equipment, medical devices, or handheld instrumentation. While full proprietary datasheets are often restricted to manufacturers, the part number breakdown and technical standards provide a clear picture of its electronic composition. --- ## Technical Specifications Overview | Feature | Specification (Typical) | | :--- | :--- | | **Display Type** | TFT-LCD (Thin Film Transistor) | | **Screen Size** | 3.7 Inches | | **Resolution** | 480 x 640 Pixels (VGA) | | **Orientation** | Portrait / Vertical | | **Interface** | RGB / SPI / Parallel (depends on controller) | | **Backlight** | White LED (PW - Pulse Width Modulation compatible) | --- ## Electronic Components & Architecture ### 1. The LCD Controller / Driver IC The "brain" of the module is usually an integrated circuit (IC) mounted directly on the glass (COG - Chip on Glass). It handles: * **Voltage Regulation:** Converting input VDD to the specific levels needed to flip liquid crystals. * **Frame Buffering:** Storing image data sent from the host MCU/CPU. * **Timing Control:** Synchronizing the vertical and horizontal sync signals. ### 2. Backlight System (PW) The **"PW"** in the suffix often denotes **Power/White LED** configuration. * **LED Array:** Usually consists of 6 to 10 white LEDs arranged in series or parallel. * **Driver Requirement:** Requires a constant current driver (often 20mA) to ensure uniform brightness and prevent thermal runaway. ### 3. FPC (Flexible Printed Circuit) The orange/yellow ribbon cable attached to the glass contains the electronic routing for: * **Data Lines:** 16-bit or 24-bit RGB lines. * **Power Rails:** Typically **VDD** (2.8V - 3.3V) and **VCI** (Analog power). * **Grounds:** Multiple GND pins to reduce electromagnetic interference (EMI). ### 4. Touch Screen Interface (Optional) The **"CS"** in the part number often indicates a **Capacitive Screen**. * **IC:** A dedicated touch controller (e.g., FocalTech or Goodix) is mounted on the FPC. * **Communication:** Uses **I2C** protocol (SDA, SCL, INT, RST pins) to report touch coordinates. --- ## Pinout Functionality Categories | Group | Function | Description | | :--- | :--- | :--- | | **Power** | VDD, VDDIO | Logic and Interface power supply. | | **Control** | CS, RS, WR, RD | Chip Select, Register Select, Write/Read strobes. | | **Data** | DB0 - DB15 | Bidirectional data bus for image transmission. | | **Backlight** | LEDK, LEDA | Cathode and Anode for the LED backlight. | | **Touch** | SCL, SDA, INT | I2C lines for the capacitive touch sensor. | --- ## Implementation Notes * **EMI Shielding:** This module often features a metal frame (R - Reinforced/Rear frame) that must be grounded to the device chassis to reduce noise. * **Initialization:** To power this module, a specific "Init Code" (a sequence of hex commands) must be sent via SPI or Parallel interface to wake the controller from sleep mode and set the gamma curves.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the FPC connector on this module?
    • ⤷ Which LCD controller IC is commonly used in the BTF series displays?
    • ⤷ What is the recommended LED driver circuit for the PW backlight?