Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BV-R00

  • AI
    Based on standard electronic component naming conventions, **BV-R00** typically refers to a specific type of **Current Sense Resistor** (often called a Shunt Resistor). These components are designed to measure current flow by monitoring a small voltage drop across a known resistance. --- ## 1. Technical Specifications The "R00" designation indicates an extremely low resistance value, often used in precision power management. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Metal Foil / Metal Plate Current Sense Resistor | | **Resistance Value** | Very low (often $1m\Omega$ to $100m\Omega$) | | **Tolerance** | $\pm 1\%$ or $\pm 5\%$ | | **Power Rating** | 1W to 5W (depending on physical size) | | **Construction** | Metal alloy element with protective coating | --- ## 2. Typical Applications These parts are found in circuits where monitoring the "load" or "battery level" is critical. * **Battery Management Systems (BMS):** To monitor charge and discharge cycles in Li-ion batteries. * **DC-DC Converters:** To provide feedback for over-current protection. * **Motor Control:** To sense the torque/current used by the motor. * **Power Supplies:** For output regulation and safety shut-off mechanisms. --- ## 3. How to Read the Code In the world of Surface Mount Device (SMD) resistors, the "R" acts as a decimal point: * **R001:** $0.001\Omega$ (1 mOhm) * **R010:** $0.010\Omega$ (10 mOhm) * **R100:** $0.100\Omega$ (100 mOhm) The **BV** prefix usually identifies the manufacturer's series (such as Bourns or specialized Chinese manufacturers like Bright-Victory), signifying a high-power metal strip construction designed to handle heat better than standard thick-film resistors. --- ## 4. Key Considerations for Replacement If you are looking to replace a BV-R00 part on a PCB, ensure you match these three factors: 1. **Case Size:** (e.g., 1206, 2512, or 3921) – The part must fit the pads. 2. **Wattage:** Using a lower wattage part will cause the resistor to burn out. 3. **TCR (Temperature Coefficient):** Lower TCR ensures the resistance doesn't change as the part gets hot.
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value and package size of the BV-R00 you are looking at?
    • ⤷ How do I calculate the voltage drop across a 1mOhm shunt resistor?
    • ⤷ What are the advantages of metal strip resistors over thick-film resistors?