Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BVB-Z-R0002

  • AI
    The **BVB-Z-R0002** is a high-precision, industrial-grade **Current Sensing Shunt Resistor** (specifically a Busbar Shunt) manufactured by **Isabellenhütte**. It is designed for high-current measurement in automotive and industrial power electronics. --- ## 1. Technical Specifications The BVB series is known for its low resistance and high power handling. Below are the primary electrical characteristics for the R0002 (0.2 mΩ) variant: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.2 mΩ (0.0002 Ω) | | **Power Rating** | Up to 15 W (at 70°C) | | **Tolerance** | ±1.0% (standard) / ±5.0% | | **Temperature Coefficient (TCR)** | < 30 ppm/K | | **Current Handling** | Up to 270A (continuous, depending on cooling) | | **Material** | Manganin (Resistive element) | --- ## 2. Key Features ### A. Material Composition The device utilizes **Manganin**, an alloy specifically chosen for its extremely low temperature coefficient. This ensures that the resistance remains stable even as the part heats up under heavy current loads. ### B. Construction * **Electron-Beam Welding:** The resistive Manganin alloy is electron-beam welded to heavy copper terminals. This provides a robust mechanical bond and minimal contact resistance. * **Busbar Mounting:** The "Z" in the part number often refers to the specific forming or lead style (Z-bend), allowing it to be integrated directly into busbar architectures or heavy-duty PCBs. ### C. Stability The BVB-Z-R0002 offers excellent long-term stability and very low thermal EMF (electromotive force), which prevents "offset" errors in voltage measurement when there is a temperature gradient across the resistor. --- ## 3. Typical Applications Due to its ability to handle hundreds of amperes with high precision, it is commonly found in: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Electric Vehicles (EVs). 2. **Hybrid Power Drives:** Current sensing for motor controllers and inverters. 3. **Power Distribution Units (PDUs):** High-current monitoring in data centers or industrial grids. 4. **Welding Equipment:** Precision control of high-current output. --- ## 4. Measurement Principle The part functions based on **Ohm's Law ($V = I \times R$)**. By placing this 0.2 mΩ resistor in series with a load: * If **100 Amps** flow through it, the voltage drop across the terminals will be **20 mV**. * A specialized sensing IC (like an ADC or Op-Amp) measures this small voltage to calculate the exact current.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the BVB-Z-R0002?
    • ⤷ How does Manganin compare to other resistive alloys for current sensing?
    • ⤷ What are the recommended mounting techniques for busbar shunts?