Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BVB-Z-R0005

  • AI
    The **BVB-Z-R0005** is a high-precision, industrial-grade current sensing resistor (shunt) manufactured by **Isabellenhütte**. It is part of the BVB series, which is specifically designed for high-current applications and battery management systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.5 mΩ (0.0005 Ω) | | **Tolerance** | ±1% (Standard) or ±5% | | **Power Rating** | Up to 15W (on heatsink/busbar) | | **Temperature Coefficient (TCR)** | < 30 ppm/K (between 20°C and 60°C) | | **Operating Temperature Range** | -65°C to +170°C | | **Material** | MANGANIN® (Alloy) | --- ### 2. Physical Construction and Technology The BVB series utilizes specialized construction techniques to ensure stability and accuracy: * **Electron-Beam Welding:** The resistive element (MANGANIN®) is electron-beam welded between two heavy copper connectors. This creates a seamless transition that minimizes parasitic resistance and inductance. * **Two-Terminal Design:** While it is a two-terminal physical component, its large copper pads allow for Kelvin-style (4-wire) sensing layouts on a PCB to eliminate the resistance of the solder joints from the measurement. * **AEC-Q200 Compliance:** Most variations of this part are automotive qualified, meaning they are built to withstand high vibration, thermal shock, and moisture. --- ### 3. Primary Applications Because the resistance is extremely low (0.5 mΩ), this part is used to measure very high currents without significant power loss ($P = I^2 \times R$). 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge cycles of lithium-ion battery packs in Electric Vehicles (EVs). 2. **Power Inverters:** Current control for AC/DC or DC/AC conversion in renewable energy systems. 3. **High-Current Busbars:** Acting as a bridge in heavy industrial power distribution. 4. **Motor Control:** Providing feedback for torque and speed control in large industrial motors. --- ### 4. Advantages and Challenges * **Advantages:** * **Low Inductance:** Excellent for high-frequency switching environments (< 3 nH). * **Long-term Stability:** The MANGANIN® alloy ensures the resistance value doesn't drift significantly over years of use. * **High Pulse Power:** Can handle short-term surges much higher than its continuous power rating. * **Challenges:** * **Thermal Management:** To reach the 15W power rating, the component must be mounted to a substantial copper busbar or heat sink. * **Small Signal Voltage:** At low currents, the voltage drop produced ($V = I \times R$) is very small, requiring a high-quality Instrumentation Amplifier or specialized ADC to read the value accurately.
    ✨ Follow-up Questions
    • ⤷ How do I implement 4-wire Kelvin sensing with a 2-terminal BVB resistor?
    • ⤷ What are the specific thermal mounting requirements for the 15W power rating?
    • ⤷ How does MANGANIN compare to other resistive alloys like Aluchrom?