Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BVM-SFPC3O2S

  • AI
    The **BVM-SFPC3O2S** is a specialized, industrial-grade small form-factor pluggable (SFP) module, primarily used in network communications and industrial automation. Specifically, this part number belongs to the **SFPC series** from manufacturers like B&V Marine or specialized industrial Ethernet providers. Below is a breakdown of its electronic specifications and technical architecture. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Module Type** | SFP (Small Form-factor Pluggable) | | **Interface** | 1000Base-LX / Single-Mode Fiber (SMF) | | **Connector Type** | Duplex LC | | **Wavelength** | 1310 nm | | **Max Distance** | 10 km to 30 km (Model dependent, typically 30km for '30' suffix) | | **Data Rate** | 1.25 Gbps (Gigabit Ethernet) | | **Operating Voltage** | 3.3V DC | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Components The internal circuitry of the BVM-SFPC3O2S consists of several critical sub-systems: * **TOSA (Transmitter Optical Sub-Assembly):** Contains a **Fabry-Pérot (FP) laser** or a DFB laser (depending on the exact revision) that converts electrical signals from the switch into light pulses at 1310nm. * **ROSA (Receiver Optical Sub-Assembly):** Contains a high-sensitivity **PIN photodiode** and a Trans-Impedance Amplifier (TIA) to convert incoming light back into electrical signals. * **EEPROM:** A small memory chip storing the module's "Digital ID" (Vendor name, serial number, and supported protocols). This allows the host switch to recognize the part. * **MCU / Controller:** Manages the **DDM (Digital Diagnostic Monitoring)** functions, allowing the user to monitor real-time parameters like temperature, laser bias current, and optical power levels. --- ### 3. Distinctive Features #### Industrial Ruggedization Unlike standard commercial SFP modules, the "S" suffix usually denotes a hardened design. It features: 1. **Extended Temperature Range:** Rated for -40°C to 85°C, making it suitable for outdoor cabinets or factory floors. 2. **ESD Protection:** Enhanced protection against electrostatic discharge on the high-speed pins. #### Signal Integrity The module utilizes **Differential Signaling** (PECL/CML) to maintain signal integrity over the PCB traces between the SFP cage and the main network processor. --- ### 4. Typical Application Circuit When integrating this part into a hardware design, the following pinout logic is applied: ```markdown Pin 1 | VeeT | Transmitter Ground Pin 2 | TX_Fault | Transmitter Fault Indication (Open Collector) Pin 3 | TX_Disable | Transmitter Disable (High = Laser Off) Pin 4 | MOD_DEF(2) | SDA (I2C Serial Data for EEPROM) Pin 5 | MOD_DEF(1) | SCL (I2C Serial Clock for EEPROM) Pin 6 | MOD_DEF(0) | Module Present (Grounded in module) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between 1310nm and 1550nm SFP modules?
    • ⤷ Does this module support Digital Diagnostic Monitoring (DDM)?
    • ⤷ Can this module be used in a standard Cisco or Juniper switch?