Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BVT-I-R0068

  • AI
    ### BVT-I-R0068 Electronic Component Analysis The **BVT-I-R0068** is a specialized high-precision, low-resistance shunt resistor manufactured by **Isabellenhütte**. It is part of the BVT series, designed primarily for current sensing in automotive and industrial power electronics. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the BVT-I-R0068: | Parameter | Value / Specification | | :--- | :--- | | **Resistance Value** | 0.68 mΩ (0.00068 Ω) | | **Tolerance** | ±1.0% (Standard) | | **Power Rating** | Up to 10W (depending on heat sink/mounting) | | **Temperature Coefficient** | < 30 ppm/K (between 20°C and 60°C) | | **Material** | MANGANIN® (Resistance alloy) | | **Mounting Type** | Surface Mount (SMD) / Busbar mounting | | **Operating Temp Range** | -55°C to +170°C | --- ### 2. Physical Construction The BVT series utilizes a specific architectural design to handle high current while maintaining stability: * **ISA-PLAN® Technology:** The resistor is manufactured using etched foil technology, which ensures excellent long-term stability and low inductance. * **Four-Terminal Connection (Kelvin):** While the physical pads are large for current flow, the internal design allows for 4-point sensing to eliminate the resistance of the leads from the measurement. * **Massive Copper Terminals:** The large copper connectors facilitate excellent thermal dissipation, allowing the part to handle high continuous currents without overheating. --- ### 3. Applications Due to its extremely low resistance and high power handling, the BVT-I-R0068 is typically found in: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Electric Vehicles (EV). 2. **Power Inverters:** Measuring output current to control motor drives. 3. **Smart Grid Meters:** High-precision energy measurement. 4. **DC/DC Converters:** Current regulation in high-wattage power supplies. --- ### 4. Comparison to Standard Resistors Compared to a standard thick-film resistor, the BVT-I-R0068 offers: * **Lower Noise:** Reduced thermal EMF (Electromotive Force). * **High Pulse Power:** Better ability to withstand sudden surges in current without degradation. * **Thermal Stability:** Minimal drift in resistance even as the component heats up under load.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the BVT-I-R0068 at 10W?
    • ⤷ How does Kelvin 4-wire sensing improve measurement accuracy in this part?
    • ⤷ What are the recommended soldering profiles for Isabellenhütte BVT series resistors?