Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BW1F-R10JBQ

  • AI
    The **BW1F-R10JBQ** is a specific electronic component belonging to the **Resistor** category. Specifically, it is a high-precision, power-type wirewound resistor manufactured by companies like **RCD Components**. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Part Number Breakdown To understand the part, we can decode the alphanumeric string: | Segment | Meaning | Description | | :--- | :--- | :--- | | **BW1F** | Series/Style | 1-Watt Flameproof Wirewound Resistor (Vertical/F-form) | | **R10** | Resistance Value | **0.1 Ohms** (R denotes the decimal point) | | **J** | Tolerance | **±5%** | | **B** | Packaging | Bulk Packaging | | **Q** | Compliance | Lead-free / RoHS compliant | --- ### 2. Key Technical Specifications This component is designed for power handling and stability. * **Resistance:** 0.1 $\Omega$ * **Power Rating:** 1 Watt (at 70°C, typically) * **Tolerance:** ±5% (Standard) * **Technology:** Wirewound (Metal alloy wire wrapped around a ceramic core) * **Coating:** Flameproof inorganic coating for safety in failure states. * **Temperature Coefficient (TCR):** Usually ranges from ±100ppm/°C to ±600ppm/°C depending on the specific sub-series. --- ### 3. Physical Characteristics The "BW" series often features a compact design. The **1F** designation frequently refers to a specific lead forming or a "Flameproof" miniature size. * **Construction:** The wirewound nature makes it excellent for handling high-current surges compared to standard film resistors. * **Size:** Generally smaller than traditional 1W resistors, designed for high-density PCB layouts. --- ### 4. Typical Applications Because of its low resistance value (0.1 Ohm) and wirewound construction, this part is commonly used in: 1. **Current Sensing:** Measuring current by monitoring the voltage drop across the resistor. 2. **Inrush Limiting:** Protecting circuits from sudden spikes in current. 3. **Power Supplies:** Used in feedback loops or shunt applications. 4. **Audio Circuits:** Occasionally used in speaker crossover networks due to low noise. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wirewound and a metal film resistor?
    • ⤷ How do I calculate the voltage drop across a 0.1 ohm resistor at 1 Amp?
    • ⤷ What are the alternatives to the BW1F series for high-surge applications?