Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BW1F-R10JT

  • AI
    The **BW1F-R10JT** is a specific electronic component belonging to the category of **Resistors**. Specifically, it is a **Flameproof Power Resistor**. Below is a detailed breakdown of its specifications, construction, and typical applications. --- ### 1. Technical Specifications The part number reveals its electrical characteristics through a standardized coding system (typically associated with manufacturers like **RCD Components** or similar power resistor specialists). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.1 $\Omega$ (R10) | Low resistance value for sensing or limiting. | | **Tolerance** | $\pm 5\%$ (J) | Standard industrial tolerance. | | **Power Rating** | 1 Watt (1F) | The maximum power it can dissipate safely. | | **Packaging** | Tape & Reel (T) | Designed for automated assembly. | | **Body Type** | Axial Lead | Through-hole mounting with wire leads on both ends. | | **Coating** | Flameproof | Silicone or ceramic coating to prevent ignition during failure. | --- ### 2. Physical Construction The "BW" series generally refers to **Wirewound** resistors. * **Core:** High-grade ceramic rod. * **Element:** A resistive wire (nickel-chromium or similar alloy) wound around the ceramic core. * **Protection:** Coated with a flameproof, moisture-resistant material. Even under severe overload, the resistor is designed not to emit flames or catch fire. * **Leads:** Tin-plated copper (solderable). --- ### 3. Key Features * **High Pulse Capability:** Due to the wirewound construction, it handles short-duration high-energy surges better than film resistors. * **Low Resistance:** At 0.1 ohms, it is often used for current sensing. * **Safety:** The "Flameproof" designation is critical for power supply and consumer electronics safety certifications (UL/IEC). --- ### 4. Common Applications Due to its 1W power rating and low resistance, the BW1F-R10JT is commonly found in: 1. **Current Sensing:** Measuring current by monitoring the voltage drop across the 0.1 $\Omega$ resistance. 2. **Inrush Current Limiting:** Protecting circuits from sudden spikes when power is first applied. 3. **Power Supplies:** Used as a fuse-resistor or shunt in AC/DC converters. 4. **Audio Equipment:** Output stage protection or emitter resistors in amplifiers.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the BW1F series resistor?
    • ⤷ Can this resistor be used as a fuse in a circuit failure scenario?
    • ⤷ What is the temperature coefficient (TCR) for the BW1F-R10JT?