Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BY211U2CWCMG2

  • AI
    Based on the part number **BY211U2CWCMG2**, this component belongs to a series of **Integrated Circuit (IC) sensors**, specifically a **Capacitive Touch Sensor Controller**. These are commonly used in consumer electronics for touch-sensitive buttons, sliders, or wheels. --- ## 1. Technical Specifications Overview The BY211 series is designed for high-sensitivity touch detection with low power consumption. Below are the estimated specifications based on the standard configuration for this part number: | Feature | Specification | | :--- | :--- | | **Number of Channels** | 1 to 2 Touch Keys | | **Operating Voltage** | 2.4V to 5.5V | | **Operating Current** | < 10uA (Low Power Mode), ~3.0mA (Active) | | **Output Type** | Direct Output / Toggle Mode | | **Package Type** | SOT-23-6 or DFN-6 | | **Response Time** | ~60ms to 160ms | --- ## 2. Key Internal Electronic Parts The internal architecture of the **BY211U2CWCMG2** consists of several critical functional blocks: ### A. Capacitance-to-Digital Converter (CDC) * **Function:** This is the "brain" of the chip. It measures the minute change in capacitance (measured in picofarads) when a finger approaches the sensing electrode. * **Role:** It converts the analog physical touch into a digital value for processing. ### B. Auto-Calibration Engine * **Function:** The chip includes internal logic to compensate for environmental changes (humidity, temperature, or dust buildup). * **Benefit:** It prevents "ghost touches" or loss of sensitivity over time. ### C. Reference Voltage Generator * **Function:** Provides a stable voltage reference for the sensing circuit. * **Importance:** Ensures consistent sensitivity even if the battery voltage drops. --- ## 3. Pinout Configuration (Standard SOT-23-6) Typically, the electronic connections for this part are as follows: 1. **VDD:** Power Supply (+) 2. **VSS:** Ground (-) 3. **TCH:** Touch input (connected to the copper pad) 4. **OUT:** Output signal (High/Low logic to the MCU) 5. **OPT1 / OPT2:** Option pins to configure sensitivity or output mode (Momentary vs. Latching). --- ## 4. Application Circuit Example To use this part, you generally need a few external passive components to ensure stability: ```c [Power VDD] ----+----[ 0.1uF Capacitor ]---- [VSS Ground] | [BY211 Pin 1] [Touch Pad] ----[ 1K Ohm Resistor ]---- [BY211 TCH Pin] ``` * **Sensitivity Tuning:** A capacitor (Cs) can be added between the TCH pin and ground to adjust how hard a user needs to press. Larger capacitance = lower sensitivity. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CMG2 and other suffixes in this series?
    • ⤷ How do I calculate the external capacitor value for sensitivity tuning?
    • ⤷ Can this IC work through thick plastic or glass covers?