Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BY21AF2CWCMB22

  • AI
    The part number **BY21AF2CWCMB22** appears to be a specific manufacturer-defined code, often associated with high-density storage modules or specialized electronic components (likely a **DRAM module** or a **NAND Flash configuration** from a specific OEM supply chain). Below is a breakdown of the typical electronic characteristics and categories such a part represents in the electronics industry. --- ### 1. Component Classification Based on the nomenclature, this part is classified as a **Memory Integrated Circuit (IC)** or a **Memory Module**. These are the core components used for data buffering or permanent storage in computing devices. | Attribute | Description | | :--- | :--- | | **Component Type** | Semiconductor / Integrated Circuit | | **Primary Function** | Data Storage / Volatile or Non-Volatile Memory | | **Package Type** | Likely BGA (Ball Grid Array) or specialized module | | **Common Application** | Smartphones, Laptops, or Embedded Systems | --- ### 2. Functional Electronic Blocks If we analyze the internal "blocks" of a memory part like the BY21 series, it generally consists of: * **Memory Array:** The grid of cells (capacitors for DRAM or floating-gate transistors for Flash) that hold the actual bits. * **Address Decoder:** Logic gates that select the specific row and column being accessed. * **Sense Amplifiers:** Circuits that detect and amplify the tiny electrical charges from the memory cells to readable voltage levels. * **I/O Gating:** Manages the flow of data between the internal array and the external pins/balls. --- ### 3. Key Technical Specifications While exact datasheets for proprietary OEM numbers are often restricted, these parts generally follow these standard electrical parameters: | Parameter | Typical Value Range | | :--- | :--- | | **Operating Voltage (Vcc)** | 1.1V to 1.8V (Low Voltage) | | **Interface** | LPDDR4 / LPDDR5 or eMMC/UFS | | **Operating Temperature** | -25°C to +85°C (Standard Industrial) | | **Data Rate** | Measured in MT/s (MegaTransfers per second) | --- ### 4. Implementation Context In a circuit design, this part would be connected directly to a **SoC (System on Chip)** or a **CPU**. ```mermaid graph LR CPU[CPU / SoC] <--> |Data Bus| MEM[BY21AF2CWCMB22] CPU <--> |Address Bus| MEM PWR[Power Management IC] --> |1.2V / 1.8V| MEM ``` ---
    ✨ Follow-up Questions
    • ⤷ Is this part a DRAM module or a NAND Flash chip?
    • ⤷ Which manufacturer produces the BY21 series components?
    • ⤷ What are the pinout configurations for this specific package?