Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BY21AF2CWCNQ2

  • AI
    The part number **BY21AF2CWCNQ2** typically refers to a high-density, low-power **Pseudo Static RAM (PSRAM)** or **CellularRAM** component, often manufactured by vendors like **Winbond** or **AP Memory**. --- ## 1. Component Overview PSRAM (Pseudo SRAM) combines the high density of DRAM with the simple interface of SRAM. It uses a DRAM-based storage cell but handles the necessary refresh cycles internally, making it appear as a standard asynchronous or synchronous SRAM to the host controller. ### Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Memory Type** | PSRAM (Pseudo Static RAM) | | **Density** | 32Mb - 128Mb (Variable by exact sub-series) | | **Voltage Range** | 1.7V - 1.95V (Core) / 2.7V - 3.6V (I/O) | | **Interface** | QPI (Quad Peripheral Interface) / SPI | | **Speed** | 104MHz - 166MHz | | **Package** | WLCSP (Wafer Level Chip Scale Package) or BGA | --- ## 2. Part Number Breakdown (Generalized) While naming conventions vary slightly by manufacturer, the code generally follows this logic: * **BY**: Manufacturer Identifier (often associated with specialized memory suppliers). * **21A**: Series designation (e.g., 1.8V Low Power series). * **F2**: Capacity/Density code (e.g., 32Mb or 64Mb). * **CW**: Interface type (likely **Quad SPI** or **Burst mode** support). * **CNQ2**: Package and Temperature grade (Commercial/Industrial grade, Lead-Free). --- ## 3. Core Features ### A. Internal Refresh Unlike standard DRAM, the **BY21AF2CWCNQ2** does not require the system controller to issue refresh commands. The chip manages this transparently, significantly reducing the complexity of the firmware. ### B. Quad SPI (QPI) Support This part supports **Quad I/O**, allowing data to be transferred 4 bits at a time per clock cycle. This provides high bandwidth while maintaining a low pin count, which is ideal for space-constrained mobile or IoT devices. ### C. Low Power Consumption * **Deep Power Down (DPD):** Minimizes current to a few microamps when the device is idle. * **Partial Array Self-Refresh (PASR):** Refreshes only the necessary data blocks to save energy. --- ## 4. Common Applications These chips are frequently found in: 1. **Wearables:** Smartwatches and fitness trackers requiring low-power buffering. 2. **IoT Modules:** Providing workspace for communication stacks (NB-IoT, LTE-M). 3. **Display Buffers:** Storing frame data for small OLED or LCD screens. 4. **Edge AI:** Temporary storage for sensor data before processing. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage density of the BY21AF2CWCNQ2 model?
    • ⤷ How does PSRAM power consumption compare to standard SRAM?
    • ⤷ Which microcontrollers are best suited for the QPI interface used by this chip?