Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BZ-R

  • AI
    The **BZ-R** designation is most commonly associated with the performance-oriented trim of the **Toyota Corolla Levin / Sprinter Trueno (AE111)**. In the context of electronics and electrical components, this vehicle is famous for its high-revving 4A-GE "Blacktop" engine and its specific electronic management systems. Below is a breakdown of the key electronic components associated with the BZ-R. --- ### 1. Engine Management & Control The heart of the BZ-R's electronics is the **ECU (Engine Control Unit)**, designed to manage the high-compression, 20-valve engine. | Component | Description | | :--- | :--- | | **ECU (89661-1A860)** | The brain of the car. It manages ignition timing, fuel injection, and VVT engagement for the 4A-GE Blacktop. | | **VVT Solenoid** | Electronically controls the Variable Valve Timing on the intake cam to optimize power across the RPM range. | | **MAP Sensor** | Unlike earlier "Silvertop" models that used AFM, the BZ-R uses a Manifold Absolute Pressure sensor for more precise air-fuel calculation. | | **Igniter & Coil** | An integrated electronic ignition system that ensures stable spark up to the 8,000+ RPM redline. | --- ### 2. Drivetrain & Safety Electronics The BZ-R was a "Super Strut" suspension model, which influenced its electronic braking and safety configurations. * **ABS (Anti-lock Braking System):** Features a 3-channel or 4-channel electronic control module to prevent wheel lockup during aggressive braking. * **Speed Sensor:** Located on the gearbox (C60/C160 transmission), it sends digital pulses to the speedometer and the ECU to manage speed limiters and fueling. * **Optional Airbag System (SRS):** Includes an electronic impact sensor and a dedicated SRS control module located behind the center console. --- ### 3. Interior & Convenience Electronics The AE111 BZ-R featured several late-90s Japanese electronic staples: 1. **Digital Climate Control:** Some BZ-R units came with a fully electronic climate control interface rather than manual sliders. 2. **Instrument Cluster:** A specialized tachometer with an 8,000 RPM redline and electronic needle sweeps. 3. **Power Windows/Locks:** Uses a centralized "Integration Relay" or Body Control Module (BCM) logic to manage timed functions. --- ### 4. Technical Specifications (Electronic Related) ```json { "Engine": "4A-GE 20V Blacktop", "Injection_System": "Multi-point Electronic Fuel Injection (EFI)", "Ignition": "Electronic Distributor-based", "Voltage": "12V Negative Ground", "Alternator_Output": "70A - 80A" } ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the BZ-R ECU manage the VVT engagement point?
    • ⤷ What are common electronic failure points in the AE111 chassis?
    • ⤷ Can the BZ-R ECU be reprogrammed for aftermarket modifications?