Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C1-R10J

  • AI
    The designation **C1-R10J** is typically a part number or a component reference for a **Surface Mount Device (SMD) Thick Film Chip Resistor**. In electronic components, part numbers are alphanumeric codes that specify the physical size, resistance value, and tolerance of the part. --- ### Component Breakdown: C1-R10J | Segment | Meaning | Detailed Description | | :--- | :--- | :--- | | **C1** | **Case Size** | Often refers to the **0603 (Metric 1608)** package size (approx. 1.6mm x 0.8mm). | | **R10** | **Resistance Value** | The "R" acts as a decimal point. **R10 = 0.10 $\Omega$ (Ohms)**. | | **J** | **Tolerance** | Indicates a precision of **±5%**. | --- ### Technical Specifications #### 1. Resistance Value (R10) This is a **Low-Ohmic** resistor (Current Sensing Resistor). * **Value:** 0.1 $\Omega$ * **Function:** Frequently used for current sensing or Shunt applications. By measuring the voltage drop across this resistor, a circuit can determine how much current is flowing. #### 2. Tolerance (J) The "J" code is an industry-standard indicator: * **J = ±5%** * This means the actual resistance can range from **0.095 $\Omega$ to 0.105 $\Omega$**. #### 3. Construction * **Material:** Thick Film on a Ceramic substrate. * **Terminations:** Usually matte tin over a nickel barrier to prevent "leaching" during soldering. --- ### Common Applications 1. **Power Management:** Monitoring battery discharge currents in portable devices. 2. **Motor Control:** Detecting over-current conditions to prevent motor burnout. 3. **DC-DC Converters:** Used in the feedback loop to regulate output current. 4. **LED Drivers:** Ensuring constant current is supplied to high-power LEDs. --- ### Comparison Table: Common Resistance Codes | Code | Value | | :--- | :--- | | **100** | 10 $\Omega$ | | **101** | 100 $\Omega$ | | **R01** | 0.01 $\Omega$ | | **R10** | **0.1 $\Omega$** |
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power rating for a 0.1 ohm resistor?
    • ⤷ What is the physical size difference between 0603 and 0805 packages?
    • ⤷ What are the alternatives to 'J' tolerance in chip resistors?