Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C1-R12J

  • AI
    Based on the alphanumeric code **C1-R12J**, this typically represents a specific electronic component, most commonly a **Surface Mount Device (SMD) Resistor** or a reference designator in a schematic. Below is the breakdown of what these parts signify in the electronics industry. --- ## 1. Component Identification In most manufacturing and datasheet contexts, the code is interpreted as follows: | Part Segment | Meaning | Description | | :--- | :--- | :--- | | **C1** | Case Size / Series | Often refers to the physical dimensions (e.g., 0603 or 0805) or a specific manufacturer series. | | **R12** | Resistance Value | The "R" acts as a decimal point. **R12 = 0.12 Ohms**. | | **J** | Tolerance | Indicates the precision of the component. **J = ±5%**. | ### Technical Specifications If this code refers to a standard thick-film resistor, the specs are generally: * **Type:** Fixed Resistor (Current Sensing or Low Ohm). * **Resistance:** 0.12 $\Omega$ (120 m$\Omega$). * **Tolerance:** ±5%. * **Common Application:** Current sensing, power management, and feedback loops. --- ## 2. Schematic Context (Reference Designator) If you see **C1** and **R12** near each other on a Circuit Board (PCB) or Schematic, they represent two different parts: | Designator | Component Type | Function | | :--- | :--- | :--- | | **C1** | Capacitor | Usually the primary decoupling or filter capacitor in a circuit. | | **R12** | Resistor | The 12th resistor identified in the bill of materials (BOM). | --- ## 3. Standard Tolerance Codes The "J" at the end of electronic part numbers is part of the international **EIA standard codes**: | Letter Code | Tolerance | | :--- | :--- | | **F** | ±1% | | **G** | ±2% | | **J** | **±5%** | | **K** | ±10% | | **M** | ±20% | --- ### Example Summary If you are purchasing this part, you are likely looking for a **0.12 Ohm resistor with a 5% margin of error.**
    ✨ Follow-up Questions
    • ⤷ How do I calculate the wattage for an R12J resistor?
    • ⤷ What is the difference between R12J and 12RJ?
    • ⤷ Where is a 0.12 Ohm resistor typically used in a circuit?