Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C1008F-R10M

  • AI
    The **C1008F-R10M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits, telecommunications, and RF modules. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Part Number Deciphering Understanding the nomenclature helps identify the component's properties: | Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **C** | Series Type | Ceramic or Chip Inductor | | **1008** | Case Size | 1008 Imperial (approx. 2.5 x 2.0 mm) | | **F** | Tolerance | ±1% (High Precision) | | **R10** | Inductance Value | 0.10 µH (100 nH) | | **M** | Alternative Tolerance | Often implies ±20% in some brands (Verify via Datasheet)* | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Coilcraft or Murata), the standard parameters for a **1008 0.10µH** inductor are generally as follows: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 0.10 (100) | µH (nH) | | **Tolerance** | ±1% to ±20% | % | | **Q Factor (Min)** | 25 - 40 | (at 25 MHz) | | **Self-Resonant Frequency (SRF)** | 700 - 1000 | MHz | | **DC Resistance (DCR Max)** | 0.25 - 0.50 | Ohms | | **Rated Current (I-dc)** | 400 - 600 | mA | | **Operating Temperature** | -40 to +125 | °C | --- ### 3. Physical Construction The "1008" designation refers to the physical dimensions of the component: * **Length:** 0.10 inches (2.5 mm) * **Width:** 0.08 inches (2.0 mm) * **Core Material:** Usually **Ceramic**. Ceramic cores provide excellent "Q" (Quality) factors and high self-resonant frequencies, making them ideal for high-frequency applications. * **Winding:** Wire-wound construction, which offers lower DC resistance and higher current handling compared to multilayer types. --- ### 4. Key Applications Because of its high SRF (Self-Resonant Frequency) and precision, this part is used in: 1. **RF Circuits:** Impedance matching and resonance in wireless transceivers. 2. **Filter Networks:** Low-pass, high-pass, and band-pass filters for signal integrity. 3. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive ICs. 4. **Mobile Communication:** Used in GPS, Bluetooth, and Wi-Fi modules. --- ### 5. Selection Considerations * **Saturation Current:** Ensure the circuit's peak current does not exceed the inductor's rated current, as inductance drops significantly during saturation. * **SRF Margin:** Always operate the inductor at frequencies well below its Self-Resonant Frequency to maintain inductive behavior.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in the 1008 size?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ What are the common alternatives if the C1008F-R10M is out of stock?