Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C10P-R

  • AI
    The **C10P-R** generally refers to a specific model of an **Industrial Power Relay** or an **Interface Module**, often associated with brands like Releco (by ComatReleco). These components are critical in automation for switching high-current loads using low-current control signals. --- ## 1. Technical Specifications The following table outlines the typical electrical characteristics for a C10P-R type relay module: | Feature | Specification (Typical) | | :--- | :--- | | **Contact Configuration** | SPDT (1 Changeover Contact) | | **Rated Current** | 10A | | **Rated Voltage** | 250V AC / 30V DC | | **Control Voltage (Coil)** | 12V DC, 24V DC, or 110/230V AC (Model dependent) | | **Mounting Type** | DIN Rail Mounting (via Socket) or PCB | | **Indicator** | LED Status Indicator (Integrated) | | **Protection** | Flyback Diode (for DC) or Varistor (for AC) | --- ## 2. Key Electronic Components The C10P-R is not just a single part but an assembly of several electronic elements working together: ### A. The Electromagnetic Coil The heart of the relay. When current flows through the copper windings, it creates a magnetic field that pulls the armature to switch the contacts. * **Power Consumption:** Usually low (approx. 0.5W to 1.2VA) to allow control by PLCs. ### B. Contact Materials The "R" in the suffix often denotes specific contact materials or "Reliability" features. * **AgNi (Silver Nickel):** Standard for resistive loads. * **AgSnO2 (Silver Tin Oxide):** Better for high inrush currents (motors/lamps). ### C. Protection Circuitry Integrated electronics to protect the driving circuit: * **Free-wheeling Diode:** Prevents back-EMF spikes from damaging transistors in a PLC. * **RC Snubber:** (In AC versions) filters electrical noise. --- ## 3. Terminal Mapping A standard C10P-R interface follows a specific pin-out logic for industrial wiring: ```text Terminal | Function ---------|----------------------------- A1 / A2 | Coil Input (Control Signal) 11 | Common (COM) 12 | Normally Closed (NC) 14 | Normally Open (NO) ``` --- ## 4. Common Applications * **PLC Output Buffering:** Protecting expensive PLC outputs from high-voltage field devices. * **Signal Isolation:** Separating DC control logic from AC power circuits. * **Logic Inversion:** Using the NC contact to reverse a signal's logic.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your C10P-R model?
    • ⤷ Do you need the wiring diagram for a specific PLC brand?
    • ⤷ Are you looking for a cross-reference or replacement part for this relay?