Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C152S

  • AI
    The **C152S** typically refers to a high-voltage, high-speed switching diode or a specific integrated circuit variant depending on the manufacturer (most commonly associated with the **2SC152** or specific SMD markings). However, in modern electronics, "152" often acts as a component value code. Below is an analysis of the electronic parts associated with the "C152S" designation. --- ### 1. Component Identification In many cases, "152S" is a marking found on Surface Mount Devices (SMD). Here are the primary interpretations: | Component Type | Meaning of "152" | Specification | | :--- | :--- | :--- | | **Ceramic Capacitor** | 1,500 pF | 15 followed by two zeros (1500pF or 1.5nF). | | **Resistor** | 1.5 kΩ | 15 followed by two zeros (1500 Ohms). | | **Transistor (2SC152S)** | Part Number | NPN High-Frequency Oscillator/Amplifier. | --- ### 2. The 2SC152S Transistor (NPN) If you are referring to the semiconductor part, it is an NPN Silicon transistor designed for high-frequency applications. #### Technical Specifications: * **Polarity:** NPN * **Package:** TO-92 (Standard) or SOT-23 (SMD version). * **Collector-Base Voltage ($V_{CBO}$):** ~30V * **Collector-Emitter Voltage ($V_{CEO}$):** ~20V * **Collector Current ($I_C$):** ~30mA * **Power Dissipation:** 100mW - 200mW --- ### 3. SMD Resistor/Capacitor "152" Coding If the part is a passive component labeled **152S**, the "S" often denotes a specific tolerance or a manufacturing series. #### Code Breakdown: * **15:** The first two significant digits. * **2:** The multiplier (number of zeros to add). * **Value:** $15 \times 10^2 = 1,500$. * **Units:** Ohms ($\Omega$) for resistors or Picofarads ($pF$) for capacitors. --- ### 4. Common Applications Depending on whether it is the transistor or a passive component, you will find it in: 1. **RF Circuits:** Used in radio frequency oscillators and mixers. 2. **Signal Filtering:** As a 1.5nF capacitor in timing or coupling circuits. 3. **Current Limiting:** As a 1.5k resistor in LED or logic level circuits. --- ### Example Schematic Representation If using the 2SC152S in a simple NPN switch configuration: ```cpp VCC (+) | [Load] | +------- Collector (C) | Base --[1.5k Resistor]--| 2SC152S (B) | +------- Emitter (E) | GND (-) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between 2SC152 and C152S?
    • ⤷ How do I test a C152S transistor using a multimeter?
    • ⤷ What are the SMD equivalents for the 152S component?