Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C1A3N-R

  • AI
    The **C1A3N-R** typically refers to a high-performance **Chip Inductor** (specifically a Multilayer Ceramic Chip Inductor) or a specific series of components often utilized in high-frequency RF (Radio Frequency) applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The C1A series is designed for miniaturization and high reliability. The "R" suffix usually denotes compliance with RoHS standards or specific packaging (Taped & Reeled). | Feature | Specification | | :--- | :--- | | **Component Type** | Multilayer Chip Inductor / Ferrite Bead | | **Package Size** | Typically 0603 (Metric 1608) or similar | | **Mounting Type** | Surface Mount Device (SMD) | | **Material** | Ceramic/Ferrite Body with Silver/Nickel/Tin terminations | | **Operating Temp** | -55°C to +125°C | --- ### 2. Key Internal Electronic Parts The functionality of the C1A3N-R is derived from its internal architecture: * **Internal Electrode:** A conductive coil or pattern printed on thin layers of ceramic or ferrite. * **Ceramic/Ferrite Body:** Provides the magnetic permeability required for inductance while ensuring high insulation resistance. * **Termination Layers:** 1. **Inner Layer:** Silver (Ag) for high conductivity. 2. **Barrier Layer:** Nickel (Ni) to prevent silver leaching during soldering. 3. **Outer Layer:** Tin (Sn) to ensure excellent solderability. --- ### 3. Electrical Performance Inductors like the C1A3N-R are defined by how they handle alternating current (AC) and electromagnetic interference (EMI). | Parameter | Function | | :--- | :--- | | **Inductance/Impedance** | Limits high-frequency noise while allowing DC to pass. | | **DC Resistance (DCR)** | The internal resistance of the coil; lower DCR minimizes power loss. | | **Rated Current** | The maximum current the part can handle before overheating or saturating. | | **Self-Resonant Frequency (SRF)** | The point where the inductor starts acting like a capacitor; must be higher than the operating frequency. | --- ### 4. Common Applications * **RF Modules:** Used in matching circuits for antennas in mobile phones and Wi-Fi modules. * **Power Lines:** Acting as a filter to remove high-frequency ripples from DC-DC converters. * **Signal Integrity:** Placed on high-speed data lines to suppress EMI/EMC interference without distorting the signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the 3N variant of this component?
    • ⤷ How does the 'R' suffix impact the soldering profile for this part?
    • ⤷ Can this component be used in automotive-grade high-temperature environments?