Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C20-R033

  • AI
    The part number **C20-R033** typically refers to a **Thick Film Chip Resistor** or a specific precision electronic component within a manufacturer's series (such as the C20 series). Below is a detailed breakdown of the electronic specifications and characteristics generally associated with this part. --- ### 1. General Specifications The "R033" suffix is a standard notation for the resistance value in ohms. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.033 $\Omega$ (33 m$\Omega$) | A low-resistance "Current Sense" value. | | **Component Type** | Surface Mount (SMD) | Designed for PCB mounting. | | **Technology** | Thick Film | Metal glaze on a high-grade ceramic body. | | **Tolerance** | Usually ±1% or ±5% | Depending on the specific tolerance code. | --- ### 2. Part Number Breakdown While naming conventions can vary slightly by manufacturer (e.g., Cyntec, RoyalOhm, or Yageo), the code typically follows this logic: * **C20**: Usually denotes the **Case Size**. In many industrial standards, this corresponds to the **2010** imperial size (approx. 5.0mm x 2.5mm). * **R033**: Denotes the **Resistance**. The "R" acts as a decimal point. * $R033 = 0.033 \text{ Ohms}$ * $R330 = 0.33 \text{ Ohms}$ * $33R0 = 33 \text{ Ohms}$ --- ### 3. Key Applications Because of its very low resistance (33 milliohms), this part is primarily used as a **Current Shunt Resistor**. 1. **Current Sensing:** Used to measure the current flowing through a circuit by monitoring the voltage drop across the resistor ($V = I \times R$). 2. **Power Management:** Found in DC-DC converters, battery management systems (BMS), and motor controllers. 3. **Overcurrent Protection:** Acts as a sensor for feedback loops to trigger protection if the current exceeds a set limit. --- ### 4. Typical Technical Characteristics | Feature | Typical Value | | :--- | :--- | | **Power Rating** | 0.5W to 1W (Size dependent) | | **Operating Temp** | -55°C to +155°C | | **Temperature Coefficient (TCR)** | ±100 ppm/°C to ±400 ppm/°C | | **Construction** | Lead-free terminations with a protective overcoat. | --- ### 5. Identification Example If you are looking at a circuit board and see "R033" printed on the top of a black rectangular component, it confirms the 33m$\Omega$ value. If the component is significantly larger than a standard signal resistor, it is designed to handle the heat dissipation required for power sensing.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle if it is rated at 1W?
    • ⤷ How does the '2010' package size compare to '0805' in terms of power dissipation?
    • ⤷ What are the common manufacturers for the C20 series resistors?