Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C20-R56K

  • AI
    The designation **C20-R56K** is typically interpreted as a specific component specification, often found in surface-mount technology (SMT) or specialized industrial catalogs. Based on standard electronic nomenclature, this code breaks down into two primary attributes: the **Package Size** and the **Inductance/Resistance Value**. --- ### 1. Component Breakdown | Segment | Identification | Meaning | | :--- | :--- | :--- | | **C** | Category | Often denotes a **Capacitor** or a specific series from manufacturers (e.g., Cyntec or TDK). | | **20** | Package Size | Usually refers to the **2012 (Metric)** or **0805 (Imperial)** footprint. | | **R56** | Value | Represents **0.56**. In inductors, this is 0.56µH; in resistors, 0.56Ω. | | **K** | Tolerance | Indicates a **±10%** tolerance range. | --- ### 2. Technical Specifications (General) If this part is an **Inductor** (the most common context for "R56K"), the specifications are generally as follows: * **Inductance:** 0.56 µH (Microhenries). * **Tolerance:** ±10% (K-grade). * **Package Type:** 0805 SMD (Surface Mount Device). * **Operating Temperature:** Typically -40°C to +125°C. * **Material:** Often uses a wire-wound or multilayer ferrite core for high-frequency filtering. --- ### 3. Usage in Circuit Design Components with a value of **0.56µH / 0.56Ω** serve specific roles in electronic hardware: #### A. Power Management (Inductors) * **DC-DC Converters:** Used as a storage element in high-frequency switching regulators. * **EMI Suppression:** Acts as a low-pass filter to block high-frequency noise in signal lines. #### B. Precision Timing (Capacitors/Resistors) * **Decoupling:** If the "C" signifies a capacitor, this specific value would be used for stabilizing voltage spikes in delicate integrated circuits. * **Current Sensing:** If the "R" signifies a 0.56Ω resistor, it is likely used as a "shunt" to measure current flow by detecting the voltage drop across it. --- ### 4. Code Reading Guide To understand similar parts, use the "R" placement rule: ```text R56 = 0.56 (R acts as decimal) 5R6 = 5.6 560 = 56 (0 is the multiplier) ```
    ✨ Follow-up Questions
    • ⤷How do I verify if 'C20' refers to the capacitor or the manufacturer series?
    • ⤷ What is the maximum current rating for a 0.56µH 0805 inductor?
    • ⤷ What are the common alternatives for the R56K tolerance grade?