Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C4BC-R

  • AI
    Based on the model number, the **C4BC-R** typically refers to a high-voltage, high-current power film capacitor, often manufactured by companies like **KEMET** (C4B Series). These components are designed for high-power electronic applications such as induction heating and motor drives. --- ### 1. Key Technical Specifications The "C4B" series is part of the polypropylene metallized film family. Below are the general characteristics of parts in this series: | Feature | Description | | :--- | :--- | | **Dielectric Material** | Polypropylene Film (Self-healing) | | **Application** | Snubber (protection against voltage spikes) | | **Mounting Type** | Radial (usually with lugs or bolt-on terminals) | | **Tolerance** | Generally ±5% or ±10% | | **Operating Temp** | -40°C to +85°C (standard range) | --- ### 2. Functional Breakdown The C4BC-R belongs to the **Snubber** category. Its primary roles in a circuit are: * **Transient Voltage Suppression:** It protects power semiconductors (like IGBTs or MOSFETs) from high-voltage peaks during switching. * **High Ripple Current Handling:** It can manage high levels of alternating current superimposed on a DC signal without overheating. * **Low Inductance:** Designed with a construction that minimizes parasitic inductance, which is critical for high-speed switching. --- ### 3. Construction and Form Factor The "R" suffix often denotes the specific lead spacing or the physical package style (Radial). * **Case:** Usually housed in a rectangular plastic box (UL 94 V-0 flame retardant). * **Filling:** Sealed with polyurethane resin. * **Terminals:** Heavy-duty tinned brass or copper lugs to handle high current density. --- ### 4. Common Applications These parts are not found in consumer electronics like phones, but rather in industrial power systems: 1. **Inverters:** Converting DC to AC in solar or wind power systems. 2. **Motor Drives:** Controlling industrial motors where high-speed switching occurs. 3. **UPS Systems:** Uninterruptible Power Supplies for data centers. 4. **Welding Equipment:** Managing the high-current pulses required for arc welding. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance and voltage rating for your specific C4BC-R unit?
    • ⤷ How does a snubber capacitor protect an IGBT in a circuit?
    • ⤷ What are the alternatives to polypropylene film capacitors for high-voltage applications?