Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C4D-R/

  • AI
    The **C4D-R** refers to the **Silicon Carbide (SiC) Schottky Diode** series manufactured by **Wolfspeed (A Cree Company)**. These components are part of the 4th Generation (C4D) of SiC technology, specifically designed for high-power, high-frequency, and high-efficiency applications. --- ### 1. Key Technical Specifications The C4D-R series typically features the following electronic characteristics: | Feature | Description | | :--- | :--- | | **Material** | Silicon Carbide (SiC) | | **Voltage Range** | Typically 600V to 650V | | **Current Ratings** | Ranges from 2A to 40A+ (depending on the specific model) | | **Switching Type** | Zero Reverse Recovery (Schottky) | | **Package Types** | TO-220, TO-247, or DFN | --- ### 2. Core Electronic Advantages Unlike standard Silicon (Si) diodes, the C4D-R SiC diodes offer several physical and electronic benefits: * **Zero Reverse Recovery ($Q_{rr}$):** Standard diodes have a delay when switching from "on" to "off" where current flows backward. SiC diodes eliminate this, drastically reducing switching losses. * **Temperature Stability:** Their performance (specifically the forward voltage drop $V_F$) remains remarkably stable even as the device heats up, preventing thermal runaway. * **High Frequency:** Because they switch nearly instantaneously, they allow power supplies to operate at much higher frequencies, allowing for smaller inductors and capacitors. * **Lower EMI:** The lack of reverse recovery current spikes reduces Electromagnetic Interference (EMI) in the circuit. --- ### 3. Applications The C4D-R series is primarily used in the following power electronic circuits: 1. **Boost Diodes in PFC:** Used in Power Factor Correction (PFC) stages for server and telecom power supplies. 2. **Solar Inverters:** To increase the efficiency of DC-to-AC conversion. 3. **EV Charging:** Used in on-board chargers (OBC) for Electric Vehicles. 4. **Switch Mode Power Supplies (SMPS):** High-efficiency AC/DC and DC/DC converters. --- ### 4. Part Number Breakdown Example A typical part number like **C4D05120R** (related series) is decoded as follows: | Code Segment | Meaning | | :--- | :--- | | **C4D** | 4th Generation SiC Schottky Diode | | **05** | Current Rating (e.g., 5 Amps) | | **120** | Voltage Rating (e.g., 1200V / 10) | | **R** | Specific Package or Revision Indicator |
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for C4D-R diodes compared to silicon diodes?
    • ⤷ How does the forward voltage drop (Vf) of SiC diodes change with temperature?
    • ⤷ Can C4D-R diodes be used in parallel without current hogging issues?