Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C7A-R

  • AI
    The **C7A-R** typically refers to a high-precision **Current Sensor** or **Current Transducer**, often used in industrial power electronics for non-contact current measurement. These devices generally utilize **Hall Effect technology** or **Magnetic Modulation** to measure electrical currents without breaking the circuit. --- ## 1. Core Specifications The C7A-R series is designed for accuracy and stability in power monitoring. | Feature | Typical Specification | | :--- | :--- | | **Measurement Type** | AC, DC, and Pulsating currents | | **Operating Principle** | Closed-loop Hall Effect / Magnetic | | **Output Type** | Analog Voltage or Current (Ratio-metric) | | **Accuracy Class** | 0.5% to 1.0% | | **Isolation Voltage** | 2.5kV - 3kV AC | | **Response Time** | < 1μs | --- ## 2. Key Electronic Components The internal architecture of a C7A-R sensor consists of several critical electronic stages: ### A. Magnetic Core * **Material:** Usually a high-permeability ferrite or Mu-metal. * **Purpose:** Concentrates the magnetic flux generated by the primary conductor (the wire passing through the center) onto the sensing element. ### B. Hall Effect Sensor (Sensing Element) * **Function:** A semiconductor chip placed in the air gap of the magnetic core. It generates a small "Hall Voltage" proportional to the magnetic field strength. ### C. Processing Circuitry (Operational Amplifiers) * **Signal Conditioning:** Because the raw Hall voltage is very weak, internal Op-Amps amplify and stabilize the signal. * **Temperature Compensation:** Advanced resistors and thermistors are used to ensure the sensor remains accurate even as it heats up. ### D. Compensation Coil (Secondary Winding) * In "Closed Loop" models (common for the -R suffix), a internal coil carries a current that creates a magnetic field equal and opposite to the primary field. The amount of current needed to "cancel" the field is the measured output. --- ## 3. Pinout and Connection Typical Most C7A-R modules feature a 3 or 4-pin interface: 1. **+Vcc:** Positive Power Supply (e.g., +15V DC). 2. **-Vee:** Negative Power Supply (e.g., -15V DC). 3. **Out:** Measurement Signal (Voltage or mA). 4. **GND:** Ground/Common reference. --- ## 4. Typical Applications * **Variable Frequency Drives (VFDs):** Monitoring motor current. * **Uninterruptible Power Supplies (UPS):** Managing battery charging and load. * **Solar Inverters:** Converting DC from panels to AC for the grid. * **Welding Machines:** Ensuring precise current control for arc stability. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Open-Loop and Closed-Loop Hall Effect sensors?
    • ⤷ How do I calculate the scaling factor for a C7A-R analog output?
    • ⤷ What are the common failure modes for current transducers like the C7A-R?