Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C8-R4L

  • AI
    The **C8-R4L** is a specific configuration of a high-performance **CompactPCI (cPCI)** or Industrial PC (IPC) chassis, often associated with Advantech or similar industrial computing manufacturers. It is designed for mission-critical applications where high density and reliable power distribution are required. Below is the breakdown of the electronic components and specifications typical for this unit. --- ### 1. Backplane Electronics The backplane is the heart of the C8-R4L, providing the communication pathway between the CPU and peripheral cards. | Component | Description | | :--- | :--- | | **Slots** | Typically 8 slots (1 System Slot + 7 Peripheral Slots). | | **Bus Type** | 32-bit or 64-bit CompactPCI bus. | | **V(I/O)** | Dual voltage support (3.3V or 5V) for signaling. | | **Geometry** | 4U height, designed for 19-inch rackmount integration. | ### 2. Power Supply Unit (PSU) Details The "R4L" designation often refers to the redundant power configuration. * **Redundancy:** Usually equipped with a **1+1 redundant** power supply system. If one module fails, the other takes over without system downtime. * **Hot-Swappable:** Power modules can be replaced while the system is running. * **Input Range:** Supports 100 ~ 240V AC (Universal) or -48V DC for telecommunications environments. * **Output Rails:** Provides stable +3.3V, +5V, +12V, and -12V DC power to the backplane. ### 3. Cooling and Thermal Management To protect the electronics from overheating, the chassis includes an active cooling subsystem: 1. **Fan Trays:** High-CFM (Cubic Feet per Minute) industrial fans located at the bottom or front. 2. **Sensors:** Thermal sensors that report fan speed and temperature to the system management bus. 3. **Hot-Swap Fans:** Fans are often mounted on a removable tray for easy maintenance. ### 4. Monitoring and Interface (Alarm Module) The electronics include a **System Management Module** (sometimes called an Alarm Module): * **LED Indicators:** Power status, Fan failure, and Over-temperature alerts. * **Audible Alarm:** A buzzer that sounds during critical hardware failures. * **Reset Switch:** Logic circuitry to trigger a hard reset of the cPCI bus. --- ### Technical Summary Table | Feature | Specification | | :--- | :--- | | **Form Factor** | 4U Rackmount | | **Standard** | PICMG 2.0 R3.0 | | **Redundancy** | Hot-swap N+1 or 1+1 | | **MTBF** | Typically > 100,000 hours | | **Material** | Heavy-duty steel with EMI shielding | ---
    ✨ Follow-up Questions
    • ⤷What are the specific PICMG standards supported by the C8-R4L backplane?
    • ⤷ How do I troubleshoot a power alarm on this specific chassis?
    • ⤷ Can the C8-R4L support 64-bit CompactPCI cards?