Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C9900-R259

  • AI
    The **C9900-R259** is a specialized electronic component primarily associated with Beckhoff industrial computing systems. Specifically, it is a **plug-in module for PCIe (PCI Express) slot extensions** or riser cards used in industrial PCs (IPCs) like the C69xx series. --- ## Technical Specifications & Electronic Components The C9900-R259 functions as a bridge or interface extender. Below is a breakdown of its electronic characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | PCIe Riser / Interface Extension Module | | **Interface** | PCI Express (PCIe) | | **Compatibility** | Designed for Beckhoff C69xx Industrial PCs | | **Connectivity** | Typically provides a x1 or x4 slot interface depending on the motherboard | | **Form Factor** | Proprietary low-profile industrial design | ### Key Electronic Functions 1. **Signal Routing:** The PCB (Printed Circuit Board) is multi-layered to maintain signal integrity for high-speed PCIe data lanes between the motherboard and the peripheral card. 2. **Power Distribution:** It includes trace designs capable of delivering standard PCIe power rails (+3.3V, +12V) to the connected expansion card. 3. **EMI Shielding:** As an industrial-grade part, the traces and grounding points are designed to minimize Electromagnetic Interference (EMI) in harsh factory environments. --- ## Usage in Industrial Systems In a standard Beckhoff IPC configuration, the C9900-R259 serves the following purposes: * **Space Optimization:** Allows for the installation of full-sized or half-sized PCIe cards in compact industrial housings where a direct vertical plug-in is impossible. * **Expansion:** Commonly used to add fieldbus cards (like EtherCAT, PROFINET, or PROFIBUS cards) or additional Ethernet ports to a compact controller. * **Durability:** Unlike consumer riser cables, this is a rigid PCB module designed to withstand high vibrations and thermal fluctuations common in control cabinets. --- ## Installation Summary When dealing with the electronics of the C9900-R259, ensure the following: * **Voltage:** Ensure the IPC is powered down before insertion to prevent short-circuiting the PCIe lanes. * **Seating:** The module must be firmly seated in the proprietary slot on the Beckhoff motherboard to ensure all pins make contact.
    ✨ Follow-up Questions
    • ⤷ Which Beckhoff Industrial PC models are compatible with the C9900-R259?
    • ⤷ What is the maximum data transfer rate supported by this PCIe riser?
    • ⤷ Does this module require specific driver software for the OS to recognize it?