Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • C9900-R272

  • AI
    The **C9900-R272** is a specific industrial component produced by **Beckhoff Automation**. It is an internal plug-in card designed for use in Beckhoff Industrial PCs (IPCs) and Control Panels. --- ## 1. Component Overview The C9900-R272 is primarily a **PCIe-to-PCI bridge card** or a specialized **mPCIe riser**. Its main function is to facilitate communication between the PC's motherboard and peripheral interface modules. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Beckhoff Automation | | **Part Type** | Plug-in Interface Card / Riser | | **Interface Slot** | Mini PCI or PCIe (Model dependent) | | **Compatibility** | C69xx, CP22xx, and CP62xx Series IPCs | | **Function** | Expansion of internal communication buses | --- ## 2. Key Electronic Features The board consists of several critical electronic sections that allow it to function within an industrial environment: ### A. Bus Translation Logic The core of the board contains an integrated circuit (IC) that acts as a bridge. It converts the high-speed differential signals of the **PCI Express (PCIe)** bus into the parallel architecture of **PCI** or specialized fieldbus signals. ### B. Power Regulation Industrial PCs operate in electrically noisy environments. The C9900-R272 includes: * **Voltage Step-down:** Converts 12V/5V system power to the lower voltages required by the bridge controller (e.g., 3.3V or 1.2V). * **Filtering Capacitors:** High-quality SMD electrolytic or ceramic capacitors to ensure signal integrity against EMI (Electromagnetic Interference). ### C. Connection Headers The board typically features: * **Edge Connector:** Connects directly to the motherboard. * **Fieldbus Header:** Allows for the attachment of additional modules such as EtherCAT, PROFIBUS, or CANopen interfaces. --- ## 3. Industrial Use Cases The C9900-R272 is essential for users who need to customize their Beckhoff controllers for specific automation tasks: 1. **Fieldbus Integration:** Enabling the IPC to talk to sensors and actuators via legacy or specialized protocols. 2. **Modular Expansion:** Allowing a compact IPC (like the C6920) to have the same capabilities as a full-sized tower PC. 3. **NVRAM Storage:** In some configurations, these cards support non-volatile RAM modules to save machine states during power loss. --- ## 4. Maintenance and Identification When inspecting this part for repairs or upgrades, look for the following: * **Revision Number:** Printed on the PCB (e.g., Rev. A, B, or C). * **Status LEDs:** Some versions include small SMD LEDs to indicate "Power Good" or "Data Activity."
    ✨ Follow-up Questions
    • ⤷ Is the C9900-R272 compatible with standard consumer PC motherboards?
    • ⤷ What are the common failure symptoms for this specific Beckhoff card?
    • ⤷ Does this card require specific drivers within TwinCAT software?