Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CA-RSPNMA002

  • AI
    The **CA-RSPNMA002** is a specialized electronic RF (Radio Frequency) adapter cable, commonly used in telecommunications and networking to bridge different connector interfaces. Below is a detailed breakdown of its electronic parts and specifications. --- ## 1. Component Overview This part is essentially an **RF Pigtail Adapter**. It consists of three primary elements: two different connectors and a length of coaxial cable. | Component | Specification | Description | | :--- | :--- | :--- | | **Connector A** | RP-SMA Male | Reverse Polarity SMA with an internal thread and a "socket" center. | | **Connector B** | N-Type Male | Large, threaded connector with a "pin" center, common in outdoor gear. | | **Cable Type** | LMR-195 (or equivalent) | A low-loss flexible coaxial cable designed for high frequencies. | | **Length** | ~2 feet (typical) | Standard length for short-range equipment interconnection. | --- ## 2. Electronic Characteristics Because this is an RF component, its "electronics" are defined by its physical geometry and material properties to ensure signal integrity. ### Impedance * **50 Ohms:** This is the standard impedance for data and RF transmission. Matching this impedance prevents signal reflections (VSWR) that could damage transmitters. ### Frequency Range * **0 to 6 GHz:** It is designed to handle signals for common wireless standards, including: * **2.4 GHz** (Wi-Fi 802.11b/g/n) * **5 GHz** (Wi-Fi 802.11a/ac/ax) * **LTE/4G/5G** cellular frequencies. ### Signal Loss (Attenuation) * The cable uses a **double-shielded** design to minimize electromagnetic interference (EMI). * **LMR-195** provides significantly lower loss compared to thinner cables like RG-174, making it suitable for maintaining signal strength between an Access Point and an external antenna. --- ## 3. Physical Construction Materials The electronic performance is highly dependent on the plating and insulation: 1. **Center Conductors:** Usually **gold-plated brass** or copper to ensure maximum conductivity and prevent oxidation. 2. **Dielectric:** Usually **PTFE (Teflon)**, which acts as an insulator to maintain the 50-ohm spacing between the core and the shield. 3. **Outer Jacket:** **PE (Polyethylene)** or PVC, providing UV protection for outdoor deployments. --- ## 4. Common Use Case This cable is most frequently used to connect a **Wi-Fi Router/Access Point** (which typically uses RP-SMA ports) to a **Large Outdoor Antenna** or an **Arrester** (which typically uses N-Type ports).
    ✨ Follow-up Questions
    • ⤷ What is the difference between SMA and RP-SMA connectors?
    • ⤷ How much signal loss (dB) should I expect per foot with this cable?
    • ⤷ Can this cable be used for outdoor weather-exposed installations?