Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CA-RSPNME010

  • AI
    The **CA-RSPNME010** is a specialized electronic interface cable typically used in professional audiovisual, broadcasting, or industrial control environments. It is most commonly associated with connecting **Sony Remote Control Units (RCUs)** or Camera Control Units (CCUs) to peripheral devices. Below is a breakdown of its electronic components and specifications. --- ### 1. Technical Specifications This cable serves as a bridge for data and power transmission. | Feature | Description | | :--- | :--- | | **Connector A** | 10-pin Circular (typically Hirose or Sony proprietary) | | **Connector B** | RJ45 or 8-pin specialized data connector | | **Wire Gauge** | Usually 24 AWG to 28 AWG | | **Shielding** | Tinned Copper Braid / Foil Shielding (to prevent EMI) | | **Signal Type** | RS-422 Serial Data / Power Tally | --- ### 2. Key Electronic Components #### A. Internal Wiring (Conductors) The cable consists of multiple twisted pairs. These are color-coded to ensure correct pinout mapping. The use of **twisted pairs** is critical for maintaining signal integrity over long distances by cancelling out electromagnetic interference (EMI). #### B. Shielding and Grounding To operate in environments with high electronic noise (like TV studios), the CA-RSPNME010 features: * **AL/Mylar Shielding:** Protects against high-frequency interference. * **Drain Wire:** Provides a path to ground for any induced current, protecting the sensitive logic boards in the connected cameras. #### C. Connector Architecture * **Gold-Plated Pins:** The pins within the connectors are often gold-plated to prevent oxidation and ensure a low-resistance connection for low-voltage data signals. * **Overmold:** The junction between the cable and the connector is reinforced with a PVC or TPU overmold to act as a strain relief, preventing internal wire breakage. --- ### 3. Functional Pinout Roles While the exact mapping depends on the specific hardware revision, the electronic signals transmitted generally follow this logic: 1. **TX+ / TX- (Transmit):** Differential data signals sent from the controller. 2. **RX+ / RX- (Receive):** Differential data signals returning from the camera. 3. **VCC (Power):** Provides low-voltage DC power (often 12V) to the remote panel. 4. **GND (Ground):** Common reference point for power and data. 5. **Tally/Control:** Specific pins dedicated to triggering "On-Air" lights or iris control pulses. --- ### 4. Use Case Scenarios * **Remote Shutter/Iris Control:** Connecting a Sony RCP (Remote Control Panel) to a camera head. * **Data Conversion:** Adapting standard network-style cabling (RJ45) to legacy 10-pin circular ports found on professional broadcast equipment.
    ✨ Follow-up Questions
    • ⤷What is the maximum cable length supported by the CA-RSPNME010 before signal degradation occurs?
    • ⤷ Can this cable be used with non-Sony broadcast equipment?
    • ⤷ What are the specific pinout differences between the 10-pin and RJ45 ends?