Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CB-R1

  • AI
    The **CB-R1** typically refers to the **CBR1-series high-current bridge rectifier**, a fundamental electronic component used in power management and AC-to-DC conversion. --- ### 1. Component Overview The CB-R1 (CBR1) is a discrete semiconductor device containing four diodes arranged in a bridge configuration. Its primary purpose is to convert Alternating Current (AC) into Direct Current (DC). | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Full-Wave Bridge Rectifier | Standard 4-diode layout | | **Max Current ($I_O$)** | 1.0 Ampere | Continuous output current | | **Max Voltage ($V_{RRM}$)** | 200V - 1000V | Peak Repetitive Reverse Voltage | | **Package Style** | CASE-1 / DIP | Through-hole cylindrical or square epoxy | | **Forward Voltage Drop** | ~1.1V | Voltage lost per diode at peak current | --- ### 2. Internal Pin Configuration The device features four leads (pins) labeled according to their function in the circuit: 1. **AC Pins (~):** Two terminals where the input AC voltage (from a transformer or wall outlet) is connected. 2. **Positive (+) Pin:** The terminal providing the rectified positive DC output. 3. **Negative (-) Pin:** The terminal providing the DC ground/return path. --- ### 3. Key Electronic Characteristics * **Full-Wave Rectification:** Unlike a single diode (half-wave), the CB-R1 utilizes both halves of the AC cycle, resulting in higher efficiency and a smoother DC output. * **Surge Capability:** Designed to handle high "Inrush Currents" (typically up to 30A-50A for a few milliseconds) when a device is first powered on. * **Thermal Dissipation:** The epoxy case is designed to dissipate heat, though it is often mounted close to the PCB surface to use the copper traces as a heat sink. --- ### 4. Typical Application Circuit In a standard power supply, the CB-R1 is the bridge between the transformer and the filter capacitor. ```text AC Input ----> [ AC (+) ] ----> Filter Capacitor (+) ----> DC Load [ ] AC Input ----> [ AC (-) ] ----> Filter Capacitor (-) ----> DC Ground ``` ### 5. Common Variants * **CBR1-D020:** 200V Peak Reverse Voltage. * **CBR1-D060:** 600V Peak Reverse Voltage. * **CBR1-D100:** 1000V Peak Reverse Voltage. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CBR1 and a Schottky bridge rectifier?
    • ⤷ How do I test a CB-R1 bridge rectifier using a multimeter?
    • ⤷ Why is a capacitor usually placed after the CB-R1 in a circuit?