Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CB315FP-R

  • AI
    The **CB315FP-R** is a specific model of a **Main Power Supply Board (PSU)**, commonly used in LED televisions, particularly those manufactured by brands like **Sceptre**. It is responsible for converting AC wall power into the specific DC voltages required by the TV's internal components. --- ### 1. Technical Specifications Overview | Component Feature | Details | | :--- | :--- | | **Part Type** | Main Power Supply Unit (PSU) | | **Input Voltage** | 100V - 240V AC (~50/60Hz) | | **Board Number** | CB315FP-R / AY065P-4SF01 | | **Output Voltages** | 12V DC (Main), 5V DC (Standby), LED Backlight Voltage | | **Application** | 32-inch to 40-inch LED TVs | --- ### 2. Key Electronic Sections The board is divided into several functional blocks that work together to power the display: #### A. Input & EMI Filter Section This is the "Hot" side of the board. It includes: * **Fuse:** Protects the board from overcurrent. * **Varistor (MOV):** Protects against voltage spikes or lightning. * **Bridge Rectifier:** Converts AC input to a pulsating DC voltage. #### B. Switching Regulation (SMPS) This section uses a **Pulse Width Modulation (PWM)** controller and a **MOSFET** to "switch" the high-voltage DC through a transformer. This allows for high efficiency and a smaller physical size compared to traditional linear transformers. #### C. Secondary Output Section On the "Cold" side (isolated from the AC wall power), the board provides: * **Main Logic Power:** Usually **12V** to power the main motherboard and audio chips. * **Standby Power:** Often **5V** to keep the IR receiver and processor active while the TV is "off." #### D. LED Driver (Backlight Circuit) The CB315FP-R features an integrated **Constant Current LED Driver**. This circuit boosts the voltage to the level required by the LED strips (backlights) inside the panel and regulates the current to ensure consistent brightness. --- ### 3. Common Failure Symptoms If this specific board fails, the TV will usually exhibit the following behaviors: 1. **No Power:** The TV is completely dead; no standby light is visible. 2. **No Backlight:** The TV turns on (sound is present), but the screen remains black. You may see a faint image if you shine a flashlight on the screen. 3. **Power Cycling:** The TV starts to boot up but immediately shuts down or restarts. --- ### 4. Safety Warning > **DANGER:** Power supply boards contain **High-Voltage Electrolytic Capacitors** that can hold a lethal charge even after the TV is unplugged. Always discharge the main capacitor before handling the underside of the board.
    ✨ Follow-up Questions
    • ⤷ How do I test the output voltages on the CB315FP-R with a multimeter?
    • ⤷ What are the common replacement part numbers for this board?
    • ⤷ Can a faulty LED strip cause this power board to fail?