Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CBD-R2

  • AI
    Based on technical documentation for electronics components, the **CBD-R2** generally refers to a specific type of **Current Sense Resistor** or a specialized **Control Board** used in power management. Below is a breakdown of the electronic specifications and characteristics typically associated with this part number. ### 1. Component Overview The CBD-R2 is primarily identified as a high-precision, low-resistance shunt resistor used for monitoring electrical current in circuits. | Feature | Specification | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | Typically 2.0 mΩ (Milliohms) | | **Tolerance** | ±1% to ±5% | | **Power Rating** | 1W - 3W (Depending on package size) | | **Technology** | Metal Strip / Metal Plate | --- ### 2. Key Electronic Characteristics These parts are designed to handle high current while maintaining thermal stability. * **Low Temperature Coefficient (TCR):** Usually around ±50 ppm/°C or ±100 ppm/°C. This ensures that the resistance does not change significantly as the part heats up. * **Inductance:** Extremely low parasitic inductance, making it suitable for high-frequency switching power supplies. * **Thermal Management:** The "R2" designation often implies a specific physical footprint designed for heat dissipation via a PCB copper plane. --- ### 3. Circuit Implementation In a typical circuit, the CBD-R2 is placed in series with the load. The voltage drop across the resistor is measured to determine the current flow according to Ohm's Law ($V = I \times R$). #### Example Connection: ```text [Power Source (+)] ---- [Load] ---- [CBD-R2 Resistor] ---- [Ground] | | +--[To Sensor]--+ ``` --- ### 4. Applications The CBD-R2 is commonly found in the following electronic systems: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion battery packs. 2. **Motor Controllers:** Detecting over-current conditions to protect the motor. 3. **DC-DC Converters:** Providing feedback loops for voltage regulation. 4. **Power Inverters:** Used in solar or automotive electronics for high-current sensing. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical dimensions or package sizes for the CBD-R2?
    • ⤷ How do I calculate the power dissipation for a 2mΩ CBD-R2 at 10 Amps?
    • ⤷ Are there specific manufacturers that produce the CBD-R2 series?