Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CC1000-RTR2

  • AI
    The **CC1000-RTR2** is a high-performance, ultra-low-power single-chip RF transceiver designed for wireless applications in the sub-1 GHz band. Manufactured by Texas Instruments (originally Chipcon), it is primarily used in ISM (Industrial, Scientific, and Medical) and SRD (Short Range Device) frequency bands. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the CC1000-RTR2: | Feature | Specification | |:---|:---| | **Frequency Range** | 300 MHz to 1000 MHz | | **Modulation** | FSK (Frequency Shift Keying) | | **Supply Voltage** | 2.1V to 3.6V DC | | **Output Power** | Programmable up to +10 dBm | | **Sensitivity** | -110 dBm (at 2.4 kBaud) | | **Data Rate** | Up to 76.8 kBaud | | **Current Consumption (RX)** | 7.4 mA | | **Current Consumption (TX)** | 5.3 mA to 26.7 mA (depends on power) | | **Package** | TSSOP-28 | --- ### 2. Core Functional Blocks The internal architecture of the CC1000-RTR2 consists of several integrated electronic stages: 1. **RF Front-End:** Includes a Low Noise Amplifier (LNA) for receiving signals and a Power Amplifier (PA) for transmission. 2. **Frequency Synthesizer:** A fully integrated VCO (Voltage Controlled Oscillator) and PLL (Phase Locked Loop) that allow for precise frequency hopping and tuning. 3. **Demodulator:** Converts the incoming FSK radio signals back into digital data bits. 4. **Interface:** Uses a simple **3-wire serial interface** (SPI-like) for configuration of registers (frequency, power, mode) and a separate pins for data I/O. --- ### 3. Application Circuit Components To implement the CC1000-RTR2 in a circuit, specific external passive components are required: * **Crystal Oscillator:** Usually a 14.7456 MHz or 11.0592 MHz crystal is required to provide the reference frequency. * **Inductors and Capacitors (Matching Network):** A LC network is required between the chip and the antenna to ensure impedance matching (usually 50 ohms) and to filter out harmonics. * **Decoupling Capacitors:** Small capacitors (10nF to 100nF) placed close to the VDD pins to filter power supply noise. --- ### 4. Code Example: Basic Configuration Concept While the CC1000 is configured via registers, the logical flow for a microcontroller (like an Arduino or MSP430) to initialize it looks like this: ```cpp // Pseudocode for CC1000 Register Initialization void setupCC1000() { writeRegister(MAIN, 0x3E); // Reset the chip writeRegister(FREQ_2A, 0x58); // Set Frequency (e.g., 433 MHz) writeRegister(FREQ_1A, 0x00); writeRegister(FREQ_0A, 0x00); writeRegister(PA_POW, 0xFF); // Set Output Power to Max writeRegister(MODEM0, 0x08); // Set Baud rate and Modulation } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the CC1000 and the newer CC1101 series?
    • ⤷ How do I calculate the inductor values for the 433 MHz matching network?
    • ⤷ Can the CC1000 be used for OOK (On-Off Keying) modulation?