Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CC1150-RTY1

  • AI
    ## Overview of the CC1150-RTY1 The **CC1150-RTY1** is a low-power, high-performance sub-1 GHz RF transmitter designed by Texas Instruments. It is specifically engineered for low-power wireless applications operating in the 315, 433, 868, and 915 MHz ISM (Industrial, Scientific, and Medical) and SRD (Short Range Device) frequency bands. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 300 - 348 MHz, 400 - 464 MHz, and 800 - 928 MHz | | **Modulation Formats** | 2-FSK, GFSK, and MSK | | **Data Rate** | 0.6 to 500 kBaud | | **Output Power** | Up to +10 dBm (Programmable) | | **Operating Voltage** | 1.8V to 3.6V | | **Current Consumption** | 15.0 mA at +10 dBm (433 MHz) | | **Package Type** | QFN-16 (RTY Package) | --- ### Core Electronic Components & Features #### 1. RF Transmitter Architecture The CC1150 is a **transmitter-only** device (it cannot receive data). It integrates a highly flexible hardware modem. The RF section includes: * **Frequency Synthesizer:** A fractional-N synthesizer with high resolution. * **Power Amplifier (PA):** Features programmable output power to balance range and battery life. #### 2. Digital Control Interface Communication with the host microcontroller (MCU) is handled via a **4-wire SPI interface**. * **Configuration Registers:** All operational parameters (frequency, power, modulation) are set via SPI. * **64-byte FIFO:** A dedicated buffer for transmit data, reducing the real-time processing burden on the MCU. #### 3. Low Power Management Designed for battery-operated devices, it includes several power-saving modes: * **Sleep Mode:** Extremely low current consumption (~200 nA). * **Fast Wake-up:** Ability to transition from sleep to transmit mode quickly to save energy during bursts. #### 4. Packet Handling Hardware The chip offloads several tasks from the MCU, including: * Preamble generation. * Sync word insertion. * CRC (Cyclic Redundancy Check) calculation. --- ### Typical Application Circuitry To function correctly, the CC1150 requires a few external passive components: * **Crystal Oscillator:** Typically a 26 MHz crystal is required for frequency stability. * **Balun & Matching Network:** A combination of inductors and capacitors to transform the differential output to a 50-$\Omega$ single-ended antenna connection. * **Decoupling Capacitors:** Standard 100nF and 10pF capacitors to filter power supply noise. --- ### Common Use Cases 1. **Remote Keyless Entry (RKE):** Automotive and garage door openers. 2. **Wireless Alarm Systems:** Magnetic door sensors or PIR motion detectors. 3. **AMR (Automatic Meter Reading):** Smart gas or water meters sending data to a hub. 4. **Consumer Electronics:** Wireless keyboards, mice, and remote controls. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the CC1150 and the CC1101?
    • ⤷ How do I calculate the matching network components for a 433 MHz design?
    • ⤷ Can the CC1150 be used for OOK (On-Off Keying) modulation?