Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CD2-R

  • AI
    The **CD2-R** typically refers to a specific type of **Capacitive Discharge Ignition (CDI)** module, commonly used in racing motorcycles, karts, and small engine performance tuning. It is an electronic control unit designed to store energy and release it in a high-voltage burst to the ignition coil. ### 1. Key Internal Electronic Components A CD2-R module is composed of several high-specification electronic parts to handle rapid switching and high voltage: | Component | Function | | :--- | :--- | | **Charging Capacitor** | Stores the electrical energy (usually 200V-400V) before it is discharged to the ignition coil. | | **Thyristor (SCR)** | Acts as the electronic switch that "dumps" the stored energy from the capacitor into the coil when triggered. | | **Step-up Transformer** | Converts the low battery voltage (12V) into high voltage to charge the capacitor. | | **Microcontroller (MCU)** | (In digital versions) Manages the ignition timing, rev-limiting, and spark curves. | | **Rectifier Diodes** | Ensure that the current flows in one direction and prevents back-EMF from damaging the circuit. | --- ### 2. Technical Specifications & Features The "R" in CD2-R usually stands for **Race** or **Programmable**, indicating enhanced features over standard OEM units: * **Adjustable Timing Curves:** Allows the user to change when the spark occurs relative to the piston position (BTDC). * **Rev Limiter:** Electronic protection that cuts the spark at a specific RPM (e.g., 10,000 or 14,000 RPM) to prevent engine damage. * **Multi-Spark Discharge:** Some high-end units provide multiple sparks at low RPM to ensure complete fuel combustion. * **Voltage Output:** Typically outputs between **30kV to 45kV** at the spark plug. --- ### 3. Wiring and Connectivity The module usually interfaces with the engine via a standard 4-pin or 6-pin connector. The typical pinout includes: 1. **VCC (+12V):** Power supply from the battery or stator. 2. **GND:** Common ground. 3. **Trigger (Pickup Coil):** Receives the signal from the flywheel sensor to know when to fire. 4. **Output (Coil):** Sends the high-voltage pulse to the primary winding of the ignition coil. 5. **Kill Switch:** Grounds the circuit to stop the engine. --- ### 4. Comparison: Standard CDI vs. CD2-R | Feature | Standard CDI | CD2-R (Race/Performance) | | :--- | :--- | :--- | | **Timing** | Fixed / Non-adjustable | Programmable / Multi-curve | | **RPM Limit** | Low (Factory set) | High or No Limit | | **Spark Intensity** | Moderate | High (optimized for high compression) | | **Circuit Type** | Analog | Digital / Microprocessor controlled |
    ✨ Follow-up Questions
    • ⤷How do you program the ignition curves on a CD2-R module?
    • ⤷ What are the symptoms of a failing capacitor in a CDI unit?
    • ⤷ Can a CD2-R be used on a 2-stroke and 4-stroke engine interchangeably?