Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CDBKB455KCAY29-R0

  • AI
    ## Technical Overview: CDBKB455KCAY29-R0 The **CDBKB455KCAY29-R0** is a specialized electronic component primarily used in communication equipment. It belongs to the category of **Ceramic Discriminators**, specifically designed for the demodulation of FM (Frequency Modulation) signals. ### 1. Key Specifications and Characteristics | Feature | Specification | | :--- | :--- | | **Manufacturer** | Murata Manufacturing Co., Ltd. | | **Component Type** | Ceramic Discriminator | | **Center Frequency** | 455 kHz | | **Application** | FM Demodulation / IF (Intermediate Frequency) stages | | **Mounting Type** | Surface Mount (SMD) | | **Package / Case** | 2-SMD (Specific Murata footprint) | | **Packaging** | Tape & Reel (R0 suffix) | --- ### 2. Functional Description A ceramic discriminator like the CDBKB455KCAY29-R0 acts as a resonant element in FM detection circuits. * **Operation Principle:** It converts frequency variations (FM signal) into voltage variations (audio/data signal). It is typically used in conjunction with an Integrated Circuit (IC) that performs the signal processing. * **Piezoelectric Effect:** The device utilizes the mechanical resonance of piezoelectric ceramics to achieve high stability and sensitivity at its center frequency of 455 kHz. ### 3. Common Applications This part is commonly found in narrowband communication devices, including: 1. **Walkie-Talkies / Two-way Radios:** For decoding voice transmissions. 2. **Cordless Phones:** Used in the receiver IF stage. 3. **Wireless Data Modules:** Assisting in the recovery of digital data modulated via FM. 4. **Pagers:** Legacy communication devices. ### 4. Part Number Breakdown (Murata Standard) * **CDB:** Ceramic Discriminator series. * **KB:** Specific package style and material characteristics. * **455:** Represents the center frequency (455 kHz). * **KCAY29:** Internal designator for tolerance, bandwidth, and specific electrical characteristics. * **R0:** Packaging code, typically indicating a 7-inch or 13-inch reel for automated assembly. --- ### 5. Design Considerations * **IC Compatibility:** This discriminator must be matched with a specific FM IF IC (e.g., Toshiba TA series or Motorola MC series) designed for 455 kHz operation. * **Impedance Matching:** Proper circuit design requires matching the discriminator's impedance to the IC's internal circuitry to ensure low distortion and clear audio recovery.
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic filter and a ceramic discriminator?
    • ⤷ Which integrated circuits are most compatible with the CDBKB455KCAY29-R0?
    • ⤷ What are the soldering precautions for SMD ceramic components like this?