Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CDX4ACT05

  • AI
    The **CDX4ACT05** refers to a high-performance CMOS logic device, typically part of the **ACT (Advanced CMOS with TTL compatibility)** logic family. Specifically, this chip is a **Hex Inverter with Open-Drain Outputs**. Below is a detailed breakdown of its electronic components, specifications, and functions. --- ### 1. Device Overview The "05" designation in logic families identifies the device as a **Hex Inverter**. The "ACT" indicates it uses Advanced CMOS technology designed to interface with TTL (Transistor-Transistor Logic) voltage levels. | Parameter | Specification | | :--- | :--- | | **Logic Function** | Hex Inverter (6 independent channels) | | **Output Type** | Open-Drain | | **Technology** | ACT (Advanced CMOS, TTL compatible) | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Input Threshold** | TTL Compatible (0.8V Low / 2.0V High) | --- ### 2. Internal Electronic Structure The CDX4ACT05 consists of six independent inverter circuits. Unlike standard inverters, these feature **Open-Drain** outputs. #### Key Internal Features: * **Input Stage:** Features high-impedance CMOS inputs with protective diodes to prevent damage from electrostatic discharge (ESD). * **Inversion Logic:** Uses a P-channel and N-channel MOSFET pair to interpret the logic level. * **Open-Drain Output Stage:** The output stage lacks a "pull-up" transistor. It consists only of an N-channel MOSFET connected to Ground. * **Logic High (Input):** The output MOSFET turns ON, pulling the output pin to Ground. * **Logic Low (Input):** The output MOSFET turns OFF, creating a high-impedance (floating) state. --- ### 3. Pin Configuration Standard packages for this IC (like SOIC or PDIP) generally follow this pinout: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1, 3, 5, 9, 11, 13 | 1A - 6A | Data Inputs (Channels 1-6) | | 2, 4, 6, 8, 10, 12 | 1Y - 6Y | Data Outputs (Channels 1-6) | | 7 | GND | Ground (0V) | | 14 | $V_{CC}$ | Positive Supply Voltage | --- ### 4. Why Use "Open-Drain" (ACT05)? Because the output is Open-Drain, this chip is used for specific electronic requirements that standard inverters (like the ACT04) cannot handle: 1. **Wired-AND Logic:** Multiple outputs can be connected to a single line with a pull-up resistor. If any one inverter pulls Low, the entire line goes Low. 2. **Level Shifting:** By using a pull-up resistor connected to a different voltage (e.g., 3.3V or 12V), the chip can interface circuits with different logic levels. 3. **High Current Loads:** They are often used to drive LEDs or small relays that require a path to ground to activate. --- ### 5. Truth Table | Input (A) | Output (Y) | Resulting State | | :--- | :--- | :--- | | Low (L) | Z | High Impedance (Floating) | | High (H) | L | Low (Pulled to Ground) | *Note: To see a "High" voltage on the output, an external pull-up resistor must be connected between Pin Y and $V_{CC}$.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ACT05 and the standard ACT04 inverter?
    • ⤷ How do I calculate the correct pull-up resistor value for an open-drain output?
    • ⤷ Can the CDX4ACT05 be used to drive a 12V load from a 5V logic signal?